Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-212YT Datasheet(PDF) 6 Page - Rohm

Part # SML-212YT
Description  Nomal type and Low current type line-up.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-212YT Datasheet(HTML) 6 Page - Rohm

  SML-212YT Datasheet HTML 1Page - Rohm SML-212YT Datasheet HTML 2Page - Rohm SML-212YT Datasheet HTML 3Page - Rohm SML-212YT Datasheet HTML 4Page - Rohm SML-212YT Datasheet HTML 5Page - Rohm SML-212YT Datasheet HTML 6Page - Rohm SML-212YT Datasheet HTML 7Page - Rohm SML-212YT Datasheet HTML 8Page - Rohm SML-212YT Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-21 series
lTaping
T86
T87
lPart No. Construction
lPacking Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card
inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
1.0
1.7
4
2
11.4
φ1.5 +0.1
±0.1
±0.05
±1
(Unit:mm)
0
Cathode mark
Packing
quantity
3000pcs/reel
Pull
direction
(note)
Tolerance is within ±0.2mm
unless otherwise specified
1.0
1.7
4
2
φ1.5 +0.1
±0.1
±0.05
(Unit:mm)
0
Cathode mark
Packing
quantity
3000pcs/reel
(note)
Tolerance is within ±0.2mm
unless otherwise specified
11.4 ±1
Pull
direction
6/8
2013.08 - Rev.C


Similar Part No. - SML-212YT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-212YT ROHM-SML-212YT Datasheet
70Kb / 3P
   Ultra high brightness chip LEDs
logo
List of Unclassifed Man...
SML-212YT ETC1-SML-212YT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-212YT ROHM-SML-212YT Datasheet
136Kb / 3P
   SML-21 Series
SML-212YT ROHM-SML-212YT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-212YT ROHM-SML-212YT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
More results

Similar Description - SML-212YT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210DTT86 ROHM-SML-210DTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-210PTT86 ROHM-SML-210PTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-212YTT86 ROHM-SML-212YTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-P11MT ROHM-SML-P11MT Datasheet
127Kb / 3P
   Low Current Type
logo
NIHON DEMPA KOGYO
NZ1612SHB NDK-NZ1612SHB Datasheet
934Kb / 2P
   Low current consumption Type
NZ2520SJ NDK-NZ2520SJ Datasheet
740Kb / 1P
   Low current consumption Type
NZ3225SJ NDK-NZ3225SJ_18 Datasheet
827Kb / 1P
   Low current consumption Type
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
NZ2016SJ NDK-NZ2016SJ_18 Datasheet
857Kb / 1P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com