Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLP13BC8T Datasheet(PDF) 7 Page - Rohm

Part # SMLP13BC8T
Description  Original device technology enables high brightness and high reliability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP13BC8T Datasheet(HTML) 7 Page - Rohm

Back Button SMLP13BC8T Datasheet HTML 3Page - Rohm SMLP13BC8T Datasheet HTML 4Page - Rohm SMLP13BC8T Datasheet HTML 5Page - Rohm SMLP13BC8T Datasheet HTML 6Page - Rohm SMLP13BC8T Datasheet HTML 7Page - Rohm SMLP13BC8T Datasheet HTML 8Page - Rohm SMLP13BC8T Datasheet HTML 9Page - Rohm SMLP13BC8T Datasheet HTML 10Page - Rohm SMLP13BC8T Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-P1 series
lRank Reference of Brightness
Red(V,U)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10
10 to 16
16 to 25
25 to 40
40 to 63
63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
SML-P12VT
SML-P12UT
Orange(D)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10
10 to 16
16 to 25
25 to 40
40 to 63
63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
SML-P12DT
Yellow(Y)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10
10 to 16
16 to 25
25 to 40
40 to 63
63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
SML-P12YT
Green(M,P)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10
10 to 16
16 to 25
25 to 40
40 to 63
63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
SML-P12MT
SML-P12PT
Bluish Green(E)
(Ta=25ºC, IF=5mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9 to 1.4 1.4 to 2.2 2.2 to 3.6 3.6 to 5.6 5.6 to 9.0
9 to 14
14 to 22
22 to 36
36 to 56
56 to 90
90 to 140 140 to 220 220 to 360 360 to 560 560 to 900
Blue(B)
(Ta=25ºC, IF=5mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9 to 1.4 1.4 to 2.2 2.2 to 3.6 3.6 to 5.6 5.6 to 9.0
9 to 14
14 to 22
22 to 36
36 to 56
56 to 90
90 to 140 140 to 220 220 to 360 360 to 560 560 to 900
White(WB)
(Ta=25ºC, IF=5mA)
N
P
Q
R
S
T
U
V
W
14 to 22
22 to 36
36 to 56
56 to 90
90 to 140 140 to 220 220 to 360 360 to 560 560 to 900
lChromaticity Diagram
[Chromaticity Coordimates]
(Ta=25ºC, IF=5mA)
Measurement tolerance :
0.02
Rank
Iv (mcd)
Rank
SMLP13BC8T
Rank
Iv (mcd)
SMLP13EC8T
Rank
Iv (mcd)
Iv (mcd)
Rank
Iv (mcd)
Iv (mcd)
Rank
SCMP13WBC8W
Rank
Iv (mcd)
CIE x
A
H
F
K
x
y
x
y
x
y
x
y
0.28
0.248 0.283 0.305 0.287 0.295 0.304
0.33
0.296 0.276 0.304
0.33
0.307 0.315
0.33
0.36
0.283 0.305 0.307 0.315 0.311 0.294
0.33
0.318
0.264 0.267 0.287 0.295 0.296 0.276 0.311 0.294
A
F
H
K
7/10
2014.07 - Rev.E


Similar Part No. - SMLP13BC8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP13BC8T ROHM-SMLP13BC8T Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
More results

Similar Description - SMLP13BC8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
   Original device technology enables high brightness and high reliability
SML-E1X ROHM-SML-E1X Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
SML-D14 ROHM-SML-D14 Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-51VW ROHM-SML-51VW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
SML-D1 ROHM-SML-D1 Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-D14A ROHM-SML-D14A Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-D13VW ROHM-SML-D13VW Datasheet
491Kb / 11P
   Original device technology enables high brightness
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-E12V8W ROHM-SML-E12V8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
   Original device technology enables high brightness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com