Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD669 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SD669
Description  Silicon NPN Epitaxial
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD669 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  2SD669 Datasheet HTML 1Page - Hitachi Semiconductor 2SD669 Datasheet HTML 2Page - Hitachi Semiconductor 2SD669 Datasheet HTML 3Page - Hitachi Semiconductor 2SD669 Datasheet HTML 4Page - Hitachi Semiconductor 2SD669 Datasheet HTML 5Page - Hitachi Semiconductor 2SD669 Datasheet HTML 6Page - Hitachi Semiconductor 2SD669 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3.1
φ
+0.15
–0.1
8.0
± 0.5
1.1
0.8
2.29
± 0.5
2.29
± 0.5
0.55
1.2
2.7
± 0.4
120
°
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
TO-126 Mod
0.67 g
Unit: mm


Similar Part No. - 2SD669

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD669 WEITRON-2SD669 Datasheet
245Kb / 5P
   NPN Epitaxial Planar Transistors
logo
SHENZHEN KOO CHIN ELECT...
2SD669 KOOCHIN-2SD669 Datasheet
211Kb / 2P
   TRANSISTOR (NPN)
logo
Unisonic Technologies
2SD669 UTC-2SD669 Datasheet
77Kb / 5P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
logo
Inchange Semiconductor ...
2SD669 ISC-2SD669 Datasheet
297Kb / 2P
   isc Silicon NPN Power Transistor
logo
TRANSYS Electronics Lim...
2SD669 TEL-2SD669 Datasheet
90Kb / 2P
   Plastic-Encapsulated Transistors
More results

Similar Description - 2SD669

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com