Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN1.2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UN1.2
Description  Coupling for Multiple-Disk Clutch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UN1.2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UN1.2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
CH7
D
E
E (Qty)
Coupling for Multiple-Disk Clutch
Types: 1.2, 2.5, 5, 10, 20, 40, 80, 160, 250, 320, 450, 600
Dimensions
[mm]
20
54
114
95
UN
Moment of Inertia (J) [kg-cm²]
10
23.5
5
9.8
1.2
2.3
2.5
5
M8
6
56
95
82
68
97
80
65
78
160
135
135
115
115
123
104
M6
146
46
M6
74
M5
4
M6
88.5
4
UN
E (Qty)
L
M
N
P
Q
A
B
CH7
D
E
E (Qty)
L
M
N
P
Q
[ 1 inch = 25.4 mm ]
Ogura Industrail
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
Weight [lbs / kg]
[mm]
Moment of Inertia (J) [kg-cm²]
Dimensions
[mm]
9
2.4 / 1.1
6
38
10
22
12
23
20
4
6
12
26
6.5
16
10
7
32
4
5.5
6
4
21.5
160
1.1 / 0.5
5.5
0.77 / 0.35
5
0.49 / 0.22
6
250
320
450
UN
40
5
0.33 / 0.15
Weight [lbs / kg]
365
13
149
198
238
810
294
1080
80
15
135
6
160
181.5
M10
6
200
170
4.6 / 2.1
26
60
6.6 / 3.0
13
15
34
22
12
48
320
280
10
16
3280
17
30
M16
220
M12
2070
330
260
220
310
404
368
324
8150
404
105
50
27
30
355
280
240
M20
M18
M20
72
50
40
52
8
27
30
53
122
6
600
10800
444
360
55 / 25
97
22
44 / 20
30 / 14
25
21 / 9.5
16.0 / 7.3
20
267.5
82
38
M16
304
44
40
17
6
240
200
6
6
75
20
UN
,
()
UN


Similar Part No. - UN1.2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN10004 PANASONIC-UN10004 Datasheet
27Kb / 1P
   Circuit Protector Elements
UN10015 PANASONIC-UN10015 Datasheet
36Kb / 2P
   Circuit Protector Elements
logo
UN Semiconducctor INC
UN1003N026-T52 UNSEMI-UN1003N026-T52 Datasheet
4Mb / 8P
   N-Channel Enhancement Mode MOSFET
Revision March 1,2022
UN1012N3R4-PD56 UNSEMI-UN1012N3R4-PD56 Datasheet
4Mb / 9P
   N-Channel Enhancement Mode MOSFET
Revision March 1,2022
UN1012N3R5-T63 UNSEMI-UN1012N3R5-T63 Datasheet
4Mb / 9P
   N-Channel Enhancement Mode MOSFET
Revision March 1,2022
More results

Similar Description - UN1.2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MWC ETC-MWC Datasheet
227Kb / 1P
   Wet-Type Multiple-Disk EM Clutch
MWC-40 ETC-MWC-40 Datasheet
223Kb / 1P
   Wet-Type Multiple-Disk EM Clutch
MDC ETC-MDC Datasheet
140Kb / 1P
   Dry-Type Multiple-Disk EM Clutch
MDB-N ETC-MDB-N Datasheet
128Kb / 1P
   Dry-Type Multiple-Disk EM Brake
MWB ETC-MWB Datasheet
126Kb / 1P
   Wet-Type Multiple-Disk EM Brake
VCE ETC2-VCE Datasheet
310Kb / 8P
   EM Clutch
MMC ETC-MMC Datasheet
248Kb / 1P
   EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
   EM Clutch
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
List of Unclassifed Man...
MZ ETC-MZ Datasheet
132Kb / 1P
   EM Tooth Clutch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com