Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EM5
Description  EM Brake
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EM5 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
[ Special ]
[ Special ]
[ Special ]
[ Special ]
10
20
VBE
VBS¹
VBE
VBS¹
VBE
VBS¹
VBE
VBS¹
VBE
VBE
74 / 100
148 / 200
Types: 0.6, 1.2, 2.5, 5, 10, 20
VBE / VBS
Type
Static Torque [ft-lbs / N-m]
EM Brake
5
37 / 50
44/6
1.2
0.6
89/12
2.5
18 / 25
VBE / VBS
74 / 100
148 / 200
1.6
2.2
15
11
38
53
40
55
35
62
78
95
3600
3000
0.5
0.5
1.5
1.6
4.8
5.1
14.3
15.1
45
136
1.2
1.5
62 x 107
120 x 107
170 x 107 320 x 107
A
170
215
C
83
107
D+0.2/-0
80
107
E
156
200
F+0/-0.2
210
265
G
190
240
H
8.5
11
J
120
158
K
M8
M10
L
24.5
25
27.5
28
31.5
32.4
35
36
40
47.5
R
5.8
5.4
7
6.6
8.2
7.6
10.4
9.6
14
17.5
T
2.7
3
8.2 / 3.7
15.4 / 7.0
[ Included parts & accessories : bolts, washers, spacers, surge protector ]
[ 1 inch = 25.4 mm ]
[ Note 1 : Silent type ]
0.71 / 0.32
122
M5
4.5
2.1
M4
1.8
2.4
53
82
2.4 / 1.1
1.3 / 0.6
110
98
13 x 107
25 x 107
75
85
45
45
49 x 107
Max Air Gap Until Adjustment [mm]
0.5
0.6
0.7
Total Energy Until Adjustment [J]
2.9 x 107
6.6 x 107
13 x 107
Total Energy Until Life [J]
Release Time [ms]
15
12
Resistance [Ω]
Wattage [W]
Pull-In Time [ms]
0.5
48
20
Max Allowable Speed [rpm]
Weight [lbs / kg]
Static Torque [ft-lbs / N-m]
Dimensions
[mm]
Torque Build-Up Time [ms]
Voltage [DC-V]
Current [A]
Armature
Coil
(20°C)
0.92
24
20
10
15
30
50
26
22
108
5.5
6.5
67
35
100
135
62
86
52
37 / 50
4.4 / 6
8.9 / 12
18 / 25
40
4500
7000
45
6000
60
5500
150
1.41
17
33
88 x 107
0.8
25
26 x 107
M6
6.5
0.62
39
136
70
65
65
125
165
Moment of Inertia (J) [kg-cm²]
4.4 / 2.0
35
46
60
76
95
M3
66
2.4
VBE / VBS
Ogura Industrail Corp.
www.ogura-clutch.com
100 Randolph Rd.
infor@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
VBE / VBS


Similar Part No. - EM5

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM5015 EATON-EM5015 Datasheet
663Kb / 1P
   Pluggable Block (Mates with EM5025 Series); 5.00 Centers
EM501502 EATON-EM501502 Datasheet
663Kb / 1P
   Pluggable Block (Mates with EM5025 Series); 5.00 Centers
EM501503 EATON-EM501503 Datasheet
663Kb / 1P
   Pluggable Block (Mates with EM5025 Series); 5.00 Centers
EM501504 EATON-EM501504 Datasheet
663Kb / 1P
   Pluggable Block (Mates with EM5025 Series); 5.00 Centers
EM501505 EATON-EM501505 Datasheet
663Kb / 1P
   Pluggable Block (Mates with EM5025 Series); 5.00 Centers
More results

Similar Description - EM5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMB ETC-TMB Datasheet
136Kb / 1P
   EM Brake
AMB ETC-AMB Datasheet
98Kb / 1P
   Micro EM Brake
HB ETC-HB Datasheet
99Kb / 1P
   EM Hysteresis Brake
RNB-0.2G ETC-RNB-0.2G Datasheet
155Kb / 1P
   EM Spring-Applied Brake
RNB-ZGN ETC-RNB-ZGN Datasheet
56Kb / 1P
   EM Spring-Applied Brake
SNB-1.2K ETC-SNB-1.2K Datasheet
189Kb / 1P
   EM Spring-Applied Brake
MNB-1.2K ETC-MNB-1.2K Datasheet
187Kb / 1P
   EM Spring-Applied Brake
TMB-H ETC-TMB-H Datasheet
129Kb / 1P
   EM Brake (with hub)
MNB-0.2K ETC-MNB-0.2K Datasheet
103Kb / 1P
   EM Spring-Applied Brake
MP-120 ETC-MP-120 Datasheet
93Kb / 1P
   EM Clutch/Brake Unit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com