Part Name
         Description
2SD974

 Silicon NPN Epitaxial ( 6 Page)


HITACHI
100% 
Zoom Out Zoom In
   
 4 page
background image
2SD974
4
0.005
0.02
0.1
0.2
0.002
0.01
0.05
Base Current IB (A)
5
2
1.0
0.5
0.2
0.1
0.05
Collector to Emitter Saturation
Voltage vs. Base Current
Pulse
IC = 0.5 A
1.5 A
1 A
2
0.5
0.2
0.1
1.0
0.05
0.02
Collector Current IC (A)
2
0.5
1.0
0.1
0.2
0.02
0.05
Collector to Emitter Saturation Voltage vs.
Collector Current
Pulse
75
25
IC/IB = 20
Ta = –25
°C
0.05
0.2
1.0
2.0
0.02
0.1
0.5
Collector Current IC (A)
1.5
1.3
1.1
0.9
0.7
0.5
Base to Emitter Saturation Voltage vs.
Collector Current
Pulse
–25
25
Ta =
75°
C
IC/IB = 20
1  2  3  4  5  6 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPS613SILICON NPN EPITAXIAL PLANAR FOR PHOTO SENSOR 1 2 3 4 Toshiba Semiconductor
2SC6015NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
2SC1927NPN SILICON EPITAXIAL DUAL TRANSISTOR FOR DIFFERENTIAL AMPLIFIER AND ULTRA HIGH SPEED SWITCHING INDUSTRIAL USE 1 2 3 4 NEC
2SC3583MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 1 2 3 4 5 MoreNEC
2SC4092HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC
2SC4186UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD 1 2 3 4 5 MoreNEC
2SC4957HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC
PT67-21Bhigh speed silicon NPN epitaxial planar phototransistor in a compact surface-mountable package. 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
2SC5178NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION 1 2 3 4 5 MoreNEC
XP01211Silicon NPN epitaxial planar type 1 2 3 Panasonic Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl