Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33471-0501 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 33471-0501
Description  MX150 Sealed Female Connector, Single Row
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

33471-0501 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  33471-0501 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
33471-0501
Status:
Active
Overview:
MX150™ Sealed and Unsealed Connector System
Description:
MX150™ Sealed Female Connector, Single Row, 5 Circuits, Polarization A, without
Connector Position Assurance, Black
Documents:
3D Model
Application Specification AS-33472-100 (PDF)
Drawing (PDF)
Application Specification AS-33611-001 (PDF)
Product Specification PS-33471-000 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-34646-001 (PDF)
General
Product Family
Crimp Housings
Series
33471
Application
Power, Wire-to-Wire
Comments
No Connector Position Assurance (CPA)
More Detailed Tech Information
http://ewcap.uscarteams.org
Overview
MX150™ Sealed and Unsealed Connector System
Product Name
MX150™
UPC
756054494615
Physical
Circuits (maximum)
5
Circuits Detail
5
Color - Resin
Black, Natural
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Modified Polystyrene Alloy
Net Weight
10.145/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.50mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
22A
Material Info
Old Part Number
CVP33471-0501
Reference - Drawing Numbers
Application Specification
AS-33472-100, AS-33611-001
Product Specification
PS-33471-000, PS-34646-001
Sales Drawing
SD-33471-051
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
33471Series
Mates With
33481 Male Single Row Sealed Connector
Use With
33012 MX150™ Female Terminal,
34345-0001 MX150™ Cavity Plug Sealed
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 33471-0501

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
33471-0502 MOLEX11-33471-0502 Datasheet
59Kb / 1P
   MX150 Sealed Female Connector, Single Row
33471-0506 MOLEX11-33471-0506 Datasheet
59Kb / 1P
   MX150 Sealed Female Connector, Single Row
More results

Similar Description - 33471-0501

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
33471-0605 MOLEX11-33471-0605 Datasheet
59Kb / 1P
   MX150 Sealed Female Connector, Single Row
33471-0502 MOLEX11-33471-0502 Datasheet
59Kb / 1P
   MX150 Sealed Female Connector, Single Row
33471-0301 MOLEX11-33471-0301 Datasheet
59Kb / 1P
   MX150 Sealed Female Connector, Single Row
33472-0880 MOLEX11-33472-0880 Datasheet
59Kb / 1P
   MX150 Sealed Female Connector, Single Row
33472-0882 MOLEX11-33472-0882 Datasheet
58Kb / 1P
   MX150 Sealed Female Connector, Single Row
33471-0206 MOLEX11-33471-0206 Datasheet
60Kb / 1P
   MX150 Sealed Female Connector, Single Row
33471-0208 MOLEX11-33471-0208 Datasheet
51Kb / 1P
   MX150 Sealed Female Connector, Single Row
33471-0506 MOLEX11-33471-0506 Datasheet
59Kb / 1P
   MX150 Sealed Female Connector, Single Row
33471-0602 MOLEX11-33471-0602 Datasheet
59Kb / 1P
   MX150 Sealed Female Connector, Single Row
33471-0207 MOLEX11-33471-0207 Datasheet
59Kb / 1P
   MX150 Sealed Female Connector, Single Row
33471-0302 MOLEX11-33471-0302 Datasheet
59Kb / 1P
   MX150 Sealed Female Connector, Single Row
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com