Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SH31 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SH31
Description  Silicon N Channel IGBT High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SH31 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SH31 Datasheet HTML 1Page - Hitachi Semiconductor 2SH31 Datasheet HTML 2Page - Hitachi Semiconductor 2SH31 Datasheet HTML 3Page - Hitachi Semiconductor 2SH31 Datasheet HTML 4Page - Hitachi Semiconductor 2SH31 Datasheet HTML 5Page - Hitachi Semiconductor 2SH31 Datasheet HTML 6Page - Hitachi Semiconductor 2SH31 Datasheet HTML 7Page - Hitachi Semiconductor 2SH31 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SH31
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Collector to Emitter voltage
V
CES
600
V
Gate to Emitter voltage
V
GES
±20
V
Collector current
I
C
75
A
Collector peak current
ic(peak)
150
A
Collector dissipation
P
C
Note1
150
W
Channel temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note:
1. Value at Tc = 25
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector
current
I
CES

100
µAV
CE = 600V, VGE = 0
Gate to emitter leak current
I
GES

±1
µAV
GE = ± 20 V, VCE = 0
Gate to emitter cutoff voltage
V
GE(off)
6.0
8.0
V
I
C = 75mA, VCE = 10V
Collector to emitter saturation
voltage
V
CE(sat)
2.1
2.6
V
I
C = 75A, VGE = 15V
Input capacitance
Cies
4100
pF
V
CE = 10V,
V
GE = 0
f = 1MHz
Switching time
t
r
400
ns
I
C = 75A
t
on
600
ns
R
L = 4 Ω
t
f
300
600
ns
V
GS = ±15V
t
off
800
1600
ns
Rg = 50


Similar Part No. - 2SH31

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SH31 RENESAS-2SH31 Datasheet
171Kb / 10P
   Silicon N Channel IGBT High Speed Power Switching
More results

Similar Description - 2SH31

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com