Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ181L Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SJ181L
Description  Silicon P-Channel MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ181L Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SJ181L Datasheet HTML 2Page - Hitachi Semiconductor 2SJ181L Datasheet HTML 3Page - Hitachi Semiconductor 2SJ181L Datasheet HTML 4Page - Hitachi Semiconductor 2SJ181L Datasheet HTML 5Page - Hitachi Semiconductor 2SJ181L Datasheet HTML 6Page - Hitachi Semiconductor 2SJ181L Datasheet HTML 7Page - Hitachi Semiconductor 2SJ181L Datasheet HTML 8Page - Hitachi Semiconductor 2SJ181L Datasheet HTML 9Page - Hitachi Semiconductor 2SJ181L Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SJ181(L), 2SJ181(S)
7
–1.0
–0.8
–0.6
–0.4
–0.2
0
Source to Drain Voltage
V
(V)
SD
Pulse Test
0, 5 V
Reverse Drain Current vs.
Source to Drain Voltage
–0.2
–0.4
–0.6
–0.8
–1.0
V
= –10 V
GS
3
1
0.3
0.1
0.03
0.01
10 µ
100 µ
1 m
10 m
Pulse Width
PW (S)
100 m
1
10
DM
P
PW
T
D =
PW
T
ch – c(t) = s (t) •
ch – c
ch – c = 6.25 °C/W, Tc = 25 °C
θ
γ
θ
θ
D = 1
0.5
0.2
0.01
0.02
0.1
0.05
1 shot
Pulse
Tc = 25°C
Normalized Transient Thermal Impedance vs. Pulse Width


Similar Part No. - 2SJ181L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ181L RENESAS-2SJ181L Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
2SJ181L-E RENESAS-2SJ181L-E Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
2SJ181L-E RENESAS-2SJ181L-E Datasheet
121Kb / 7P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ181L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com