Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPN80T06T220TGB Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPN80T06T220TGB
Description  N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN80T06T220TGB Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPN80T06T220TGB Datasheet HTML 1Page - SYNC POWER Crop. SPN80T06T220TGB Datasheet HTML 2Page - SYNC POWER Crop. SPN80T06T220TGB Datasheet HTML 3Page - SYNC POWER Crop. SPN80T06T220TGB Datasheet HTML 4Page - SYNC POWER Crop. SPN80T06T220TGB Datasheet HTML 5Page - SYNC POWER Crop. SPN80T06T220TGB Datasheet HTML 6Page - SYNC POWER Crop. SPN80T06T220TGB Datasheet HTML 7Page - SYNC POWER Crop. SPN80T06T220TGB Datasheet HTML 8Page - SYNC POWER Crop. SPN80T06T220TGB Datasheet HTML 9Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2014/03/19
V.1
Page 1
SPN80T06
N-Channel Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPN80T06 is the N-Channel enhancement mode
power field effect transistor which is produced using high
cell density DMOS trench technology. This high density
process is especially tailored to minimize on-state
resistance. These devices are particularly suitable for
synchronous rectifier application, notebook computer
power management and other battery powered circuits.
DC/DC Converter
Load Switch
SMPS Secondary Side Synchronous Rectifier
FEATURES
PIN CONFIGURATION
TO-220-3L
TO-263-2L
TO-262-3L
PART MARKING
TO-220-3L
TO-263-2L
TO-262-3L
60V/80A, RDS(ON)= 8mΩ@VGS= 10V
RDS(ON)= 10mΩ@VGS= 5V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
TO-220-3L/TO-263-2L/TO-262-3L package
design


Similar Part No. - SPN80T06T220TGB

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPN80T06 VBSEMI-SPN80T06 Datasheet
998Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - SPN80T06T220TGB

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com