Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ222 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SJ222
Description  Silicon P-Channel MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ222 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SJ222 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ222 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ222 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ222 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ222 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ222 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ222
4
60
40
20
0
50
100
150
Case Temperature TC (°C)
Power vs. Temperature Derating
–100
–10
–1
–0.1
–10
–100
–1000
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
–30
–0.3
–1
–3
–30
–300
Ta = 25°C
10
µ
s
100
µ
s
DC
Operation
(T
C =
25°C)
Operation in this area
is limited by RDS (on)
1 ms
PW
=
10
ms
(1
Shot)
–3
3
Pulse Width PW (s)
1.0
0.1
0.3
D = 1
10
µ
0.03
0.01
100
µ
10 m
100 m
1
10
1 m
TC = 25°C
0.5
0.2
0.1
0.05
0.02
0.01
1 Shot
Pulse
T
PW
PDM
D =
T
PW
θch–c (t) = γ
S (t) · θch–c
θch–c = 3.57°C/W, T
C = 25°C
Normalized Transient Thermal Impedance vs. Pulse Width


Similar Part No. - 2SJ222

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ222 RENESAS-2SJ222 Datasheet
82Kb / 7P
   Silicon P Channel MOS FET
2SJ222-E RENESAS-2SJ222-E Datasheet
82Kb / 7P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ222

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com