Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML225XG Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ML225XG
Description  4-Channel Mixing Speech Synthesis LSI
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML225XG Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ML225XG Datasheet HTML 1Page - List of Unclassifed Manufacturers ML225XG Datasheet HTML 2Page - List of Unclassifed Manufacturers ML225XG Datasheet HTML 3Page - List of Unclassifed Manufacturers ML225XG Datasheet HTML 4Page - List of Unclassifed Manufacturers ML225XG Datasheet HTML 5Page - List of Unclassifed Manufacturers ML225XG Datasheet HTML 6Page - List of Unclassifed Manufacturers ML225XG Datasheet HTML 7Page - List of Unclassifed Manufacturers ML225XG Datasheet HTML 8Page - List of Unclassifed Manufacturers ML225XG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
FEDL22Q553-02
ML22Q553
PIN DESCRIPTION (1)
Pin
Symbol
I/O Attribute
Description
Attribute
Initial
value
1
AIN
I
Speaker amplifier input pin.
analog
0
2
SG
O
Built-in speaker amplifier’s reference voltage output pin.
Connect a capacitor of 0.1
μF or more between this pin and
DGND.
analog
0
3
VDDR
O
2.5 V regulator output pin.
Acts as an internal power supply (for ROM). Connect a
capacitor of 10
μF or more between this pin and DGND.
analog
0
4,18
DVDD
Digital power supply pin.
Connect a bypass capacitor of 10
μF or more between this
pin and DGND.
power
5,15
DGND
Digital ground pin
gnd
6
VDDL
O
2.5 V regulator output pin.
Acts as an internal power supply (for logic). Connect a
capacitor of 10
μF or more between this pin and DGND.
power
0
7
DIPH
I
Positive
Serial interface switching pin.
Pin for choosing between rising edges and falling edges as
to the edges of the SCK pulses used for shifting serial data
input to the SI pin into the inside of the LSI.
When this pin is at a “L” level, SI input data is shifted into the
LSI on the rising edges of the SCK clock pulses and a status
signal is output from the SO pin on the falling edges of the
SCK clock pulses.
When this pin is at a “H” level, SI input data is shifted into the
LSI on the falling edges of the SCK clock pulses and a status
signal is output from the SO pin on the rising edges of the
SCK clock pulses.
digital
0
8
STATUS
O
Positive
Channel status output pin.
Outputs the BUSYB or NCR signal for each channel by
inputting the OUTSTAT command.
digital
1
9
ERR
O
Positive
Error output pin.
Outputs a “H” level if an error occurs.
digital
0
10
CSB
I
Negative
Chip select pin.
A “L” level on this pin accepts the SCK or SI inputs. When
this pin is at a “H” level, neither the SCK nor SI signal is input
to the LSI.
digital
1
11
SCK
I
Positive Synchronous serial clock input pin.
clk
0
12
SI
I
Synchronous serial data input pin.
When the DIPH pin is at a “L” level, data is shifted in on the
rising edges of the SCK clock pulses.
When the DIPH pin is at a “H” level, data is shifted in on the
falling edges of the SCK clock pulses.
digital
0
13
SO
O
Positive
Channel status serial output pin.
Outputs a status signal on the falling edges of the SCK clock
pulses when the DIPH pin is at a ”L” level; outputs a status
signal on the rising edges of the SCK clock pulses when the
DIPH pin is at a ”H” level.
When the CSB pin is at a ”L” level, the status of each channel
is output serially in sync with the SCK clock. When the CSB
pin is at a ”H” level, this pin goes into a high impedance state.
digital
Hi-Z
5/69


Similar Part No. - ML225XG

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2251-XXXGA OKI-ML2251-XXXGA Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
OKI electronic componet...
ML2252 OKI-ML2252 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2252-XXXGA OKI-ML2252-XXXGA Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
More results

Similar Description - ML225XG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
logo
OKI electronic componet...
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com