Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML67Q4061 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ML67Q4061
Description  32-bit General-Purpose ARM-Based Microcontroller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML67Q4061 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ML67Q4061 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML67Q4061 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML67Q4061 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML67Q4061 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML67Q4061 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML67Q4061 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML67Q4061 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML67Q4061 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML67Q4061 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Table 1-1 List of ML67Q4050/ML67Q4060 Series Pin Functions (2 of 6)
Primary function
Secondary function
Tertiary function
Setting at reset
Pin assignment
Pin name
I/O
Description
Signal
name
I/O Description
Signal
name
I/O
Description
Signal
name
I/O
Description
IPU
Schmitt
trigger
circuit
Sink
current
[mA]
144
QFP
144
BGA
64
QFP
84
BGA
64
WCSP
PA0
I/O
General-purpo
se port A0
TCK
I
JTAG clock
3
20
A7
9
F3
D3
PA1
I/O
General-purpo
se port A1
TMS
I
JTAG mode
setting
3
21
C6
10
F1
D4
PA2
I/O
General-purpo
se port A2
TDI
I
JTAG data
input
3
22
D6
11
G2
C5
PA3
I/O
General-purpo
se port A3
TDO
O
JTAG data
output
3
23
B6
12
G3
C3
PA4
I/O
General-purpo
se port A4
NTRS
T
I
JTAG reset
3
26
D5
14
H2
A2
PA5
I/O
General-purpo
se port A5
JTAGE
I
JTAG Enable —
3
30
C4
15
H1
A1
RSTOUT_N
O
Reset output
PA6
I/O
General-purp
ose port A6
MCLK
O
AUDIO_CLK
output
3
51
F4
22
K4
A4
PB0
I/O
General-purpo
se port B0
TX0
O
UART0 TX
3
96
M9
46
D9
F8
PB1
I/O
General-purpo
se port B1
RX0
I
UART0 RX
3
95
M8
45 E10
E5
PB2
I/O
General-purpo
se port B2
TX1
O
UART1 TX EFIQ_N
I
External interrupt
FIQ*Note
3
94
K8
44
E8
E6
PB3
I/O
General-purpo
se port B3
RX1
I
UART1 RX EXINT1
I
External interrupt
1 *Note
3
112 L13
49
A9
H8
PB4
I/O
General-purpo
se port B4
SCL
I/O
I2C SCL
TXD
O
SIO TX
3
116 J11
50
B8
G8
PB5
I/O
General-purpo
se port B5
SDA
I/O
I2C SDA
RXD
I
SIO RX
3
121 H13 51
C8
F7
PC0
I/O
General-purpo
se port C0
MISO0 I/O SPI0 MISO
DSR0
I
UART0 DSR
3
66
K3
31
J8
A7
PC1
I/O
General-purpo
se port C1
MOSI0 I/O SPI0 MOSI
DTR0
O
UART0 DTR
3
60
J2
29
H7
D5
PC2
I/O
General-purpo
se port C2
SCK0 I/O
SPI0 SCK
RI0
I
UART0 RI
3
59
H2
28
J7
A6
PC3
I/O
General-purpo
se port C3
SSN0 I/O
SPI0 SSN
DCD0
I
UART0 DCD
3
58
H4
27
K6
B6
PC4
I/O
General-purpo
se port C4
MISO1 I/O SPI1 MISO
DSR1
I
UART1 DSR
3
57
H3
26
H6
C6
PC5
I/O
General-purpo
se port C5
MOSI1 I/O SPI1 MOSI
DTR1
O
UART1 DTR
3
56
G1
25
J6
A5
PC6
I/O
General-purpo
se port C6
SCK1 I/O
SPI1 SCK
RI1
I
UART1 RI
3
50
F2
21
H4
B4
PC7
I/O
General-purpo
se port C7
SSN1 I/O
SPI1 SSN
DCD1
I
UART1 DCD
3
49
F1
20
J4
C4
*Note: External interrupt FIQ and external interrupt 1 can be used as interrupt signals in the primary and secondary functions.


Similar Part No. - ML67Q4061

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML67Q4061 ETC2-ML67Q4061 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
More results

Similar Description - ML67Q4061

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
ML674000 OKI-ML674000 Datasheet
192Kb / 24P
   32-bit General-purpose, ARM-based Microcontroller
ML674001 OKI-ML674001 Datasheet
193Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
Microchip Technology
SAMD21G MICROCHIP-SAMD21G Datasheet
3Mb / 59P
   32-bit ARM-Based Microcontrollers
2017
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
   32-BIT ARM-BASED MICROPROCESSORS
2017
logo
List of Unclassifed Man...
HMS30C7210 ETC-HMS30C7210 Datasheet
2Mb / 337P
   ARM Based 32-Bit Microprocessor
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
logo
Winbond
W90P710 WINBOND-W90P710_05 Datasheet
2Mb / 526P
   16/32-bit ARM microcontroller
W90N745CD WINBOND-W90N745CD Datasheet
2Mb / 422P
   16/32-bit ARM microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com