Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610Q178 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ML610Q178
Description  The low power micro controller corresponding to 5v for household appliances
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q178 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ML610Q178 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
FEDL610Q178FULL-01
ML610Q178
4/28
BLOCK DIAGRAM
Figure 1-1 is a block diagram of the ML610Q178.
Symbols with an asterisk “*” indicate that each of them is the secondary or tertiary function of the corresponding port.
Program
Memory
Flash)
128Kbyte
RAM
4096byte
Interrupt
Controller
CPU (nX-U8/100) Large Model
Timing
Controller
EA
SP
Instruction
Decoder
BUS
Controller
Instruction
Register
TBC
INT
4
INT
6
8bit Timer
×
6
GPIO
NMI
P20 to P23
INT
5
P50 to P53
Data-bus
TEST0
RESET_N
OSC
POWER
VDDL
RESET &
TEST
ALU
EPSW1~3
PSW
ELR1~3
LR
ECSR1~3
DSR/CSR
PC
GREG
0~15
VPP
VDD
VSS
OUTCLK*
UART
RXD0*
1, RXD1*1
TXD0*
1, TXD1*1
INT
2
LSCLK*
P40 to P43
On-Chip
ICE
P00 to P03
SSIO
SCK0*
1, SCK1*1
SIN0*
1, SIN1*1
SOUT0*
1, SOUT1*1
INT
2
WDT
INT
10bit-ADC
AIN0 to AIN15
*3
VREF
VDD
VSS
OSC0*
1
INT
I2C
INT
1
SDA*
1
SCL*
1
PWM
INT
2
PWM4*
1
PWM5*
1
LCD
Driver
COM0 to COM3
SEG0 to SEG7
LCD
Drive Voltage
VL1, VL2, VL3
XT0
XT1
P60 to P67
*3
P90 to P93
BLD
PW45EV0*
1
P30 to P33
*3
INT
1
P10 to P11
P34 to P36
OSC1*
TEST1_N
P44 to P47
*3
SEG8 to SEG39
*2
PW45EV1*
1
PC0 to PC7
*2
PD0 to PD7
*2
PE0 to PE7
*2
PF0 to PF7
*2
*
1 Secondary or tertiary function
*
2 Select I/O port or LCD driver
*
3 Select I/O port or A/D converter input


Similar Part No. - ML610Q178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q172 ETC2-ML610Q172 Datasheet
501Kb / 29P
   The low power micro controller corresponding to 5v for household appliances
ML610Q173 ETC2-ML610Q173 Datasheet
501Kb / 29P
   The low power micro controller corresponding to 5v for household appliances
ML610Q174 ETC2-ML610Q174 Datasheet
466Kb / 26P
   The low power micro controller corresponding to 5v for household appliances
More results

Similar Description - ML610Q178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q172 ETC2-ML610Q172 Datasheet
501Kb / 29P
   The low power micro controller corresponding to 5v for household appliances
ML610Q174 ETC2-ML610Q174 Datasheet
466Kb / 26P
   The low power micro controller corresponding to 5v for household appliances
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
   Household electrical appliances
Ver. 2209-1
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
DB Lectro Inc
NG8ND DBLECTRO-NG8ND Datasheet
290Kb / 2P
   Suitable for household electrical appliances, automation system
logo
Renesas Technology Corp
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
logo
DB Lectro Inc
NG4U DBLECTRO-NG4U_05 Datasheet
290Kb / 2P
   Used in household appliances like air conditioning
logo
Panasonic Semiconductor
ALZ11B05W PANASONIC-ALZ11B05W Datasheet
74Kb / 4P
   Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
logo
DB Lectro Inc
NT71 DBLECTRO-NT71_05 Datasheet
520Kb / 2P
   Suitable for household electrical appliances, automation system, instrument and meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com