Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610Q304 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ML610Q304
Description  8-bit Microcontroller with Voice Output Function
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q304 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML610Q304 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML610Q304 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610Q304 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610Q304 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q304 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q304 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML610Q304 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML610Q304 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML610Q304 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
FEDL610Q304-01
ML610Q304
8/28
PIN DESCRIPTION
In the I/O column, “—” denotes an input pin, “I” an input pin, “O” an output pin, and “I/O” an input/output pin.
Pin name
I/O
Description
Primary/
Secondary/
Tertiary
Logic
Power supply
VSS
— Negative power supply pin
VDD
— Positive power supply pin
VDDL
— Positive power supply pin for internal logic (internally generated)
SPVSS
— Negative power supply pin for built-in speaker amplifier
SPVDD
— Positive power supply pin for built-in speaker amplifier
VREF
Reference power supply pin for successive-approximation type ADC
Test
TEST0
I/O Input/output pin for testing. Has a pull-down resistor built in.
Positive
TEST1_N
I
Input pin for testing. Has a pull-up resistor built in.
Negative
System
RESET_N
I
Reset input pin
. When this pin is set to a “L” level, the device is
placed in system reset mode and the internal circuit is initialized.
If after that this pin is set to a “H” level, program execution starts.
This pin has a pull-up resistor built in.
Negative
LSCLK
O
Low-speed clock output. This function is allocated to the secondary
function of the P20 pin.
Secondary
OUTCLK
O
High-speed clock output. This function is allocated to the secondary
function of the P21 pin.
Secondary
General-purpose Output port
P20 to P22
O
General-purpose output ports.
Provided with a secondary function. Cannot be used as ports if
their secondary function is used.
Primary
Positive
General-purpose Input/output port
P40 to P42
I/O
General-purpose input/output ports.
Provided with a tertiary function. Cannot be used as ports if their
tertiary function is used.
Primary
Positive
P80 to P87
I/O
General-purpose input/output ports.
Provided with a secondary function or a tertiary function. Cannot
be used as ports if their secondary function or tertiary function is
used.
Primary
Positive


Similar Part No. - ML610Q304

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML610Q304 LAPIS-ML610Q304 Datasheet
624Kb / 28P
   8-bit Microcontroller with Voice Output Function
More results

Similar Description - ML610Q304

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML610Q304 LAPIS-ML610Q304 Datasheet
624Kb / 28P
   8-bit Microcontroller with Voice Output Function
logo
List of Unclassifed Man...
ML610Q340 ETC2-ML610Q340 Datasheet
464Kb / 26P
   8-bit Microcontroller with Voice Output Function
ML610Q380 ETC2-ML610Q380 Datasheet
480Kb / 29P
   8-bit Microcontroller with Voice Output Function
ML610Q360 ETC2-ML610Q360 Datasheet
782Kb / 30P
   8-bit Microcontroller with Voice Output Function
logo
LAPIS Semiconductor Co....
ML610Q359 LAPIS-ML610Q359 Datasheet
782Kb / 30P
   8-bit Microcontroller with Voice Output Function
logo
List of Unclassifed Man...
ML610Q346 ETC2-ML610Q346 Datasheet
508Kb / 29P
   8-bit Microcontroller with Voice Output Function
ML610Q347 ETC2-ML610Q347 Datasheet
505Kb / 29P
   8-bit Microcontroller with Voice Output Function
ML610Q380 ETC2-ML610Q380 Datasheet
480Kb / 29P
   8-bit Microcontroller with Voice Output Function
ML610Q359 ETC2-ML610Q359 Datasheet
782Kb / 30P
   8-bit Microcontroller with Voice Output Function
logo
Holtek Semiconductor In...
HT827A0 HOLTEK-HT827A0 Datasheet
302Kb / 49P
   8-Bit Microcontroller with Voice ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com