Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ278 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SJ278
Description  Silicon P-Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ278 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SJ278 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ278 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ278 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ278 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ278 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ278 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ278 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ278 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SJ278
3
2.0
1.5
1.0
0.5
0
50
100
150
200
Ambient Temperature
Ta (
°C)
Power vs. Temperature Derating
–5
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
–3
–1
–0.3
–0.1
–0.03
–0.01
–0.005
–0.1 –0.3
–1
–3
–10
–30
–100
100
µs
PW
=
10
ms
(1shot)
Operation in
this area is
limited by RDS(on)
10
µs
Ta = 25 °C
DC
Operation
–2.0
–1.6
–1.2
–0.8
–0.4
0
–2
–4
–6
–8
–10
Drain to Source Voltage
V
(V)
DS
–3 V
Pulse Test
V
= –2 V
GS
–2.5 V
Typical Output Characteristics
–10 V
–6 V
–4 V
–1.0
–0.8
–0.6
–0.4
–0.2
0
–1–2–3
–4
–5
Gate to Source Voltage
V
(V)
GS
V
= –10 V
Pulse Test
DS
75 °C
Typical Transfer Characteristics
Tc = –25 °C
25 °C


Similar Part No. - 2SJ278

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ278 RENESAS-2SJ278 Datasheet
78Kb / 7P
   Silicon P Channel MOS FET
2SJ278MYTL-E RENESAS-2SJ278MYTL-E Datasheet
78Kb / 7P
   Silicon P Channel MOS FET
2SJ278MYTR-E RENESAS-2SJ278MYTR-E Datasheet
78Kb / 7P
   Silicon P Channel MOS FET
2SJ278 RENESAS-2SJ278_15 Datasheet
97Kb / 9P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ278

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com