Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610Q436 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ML610Q436
Description  8-bit Microcontroller with a Built-in LCD driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q436 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML610Q436 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML610Q436 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610Q436 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610Q436 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q436 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q436 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML610Q436 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML610Q436 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML610Q436 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
FEDL610Q435-02
LAPIS Semiconductor
ML610Q435/ML610Q436
8/35
ML610Q435 Chip Pin Layout & Dimension
SEG46
98
68 SEG16
SEG47
99
67 SEG15
VDD 100
66 C4
VPP 101
65 C3
SEG48 102
64 C2
SEG49 103
63 C1
SEG50 104
62 VL4
SEG51 105
61 VL3
SEG52 106
60 VL2
SEG53 107
59 VL1
SEG54 108
58 SEG14
SEG55 109
57 SEG13
SEG56 110
56 SEG12
SEG57 111
55 SEG11
SEG58 112
54 SEG10
SEG59 113
53 SEG9
SEG60 114
52 SEG8
SEG61 115
51 SEG7
SEG62 116
50 SEG6
SEG63 117
49 SEG5
COM0 118
48 SEG4
COM1 119
47 SEG3
COM2 120
46 SEG2
COM3 121
45 SEG1
COM4 122
44 SEG0
COM5 123
43 COM12
COM6 124
42 COM13
COM7 125
41 COM14
COM8 126
40 COM15
COM9 127
39 PA7
COM10 128
38 PA6
COM11 129
37 PA5
AVDD 130
36 PA4
VREF 131
35 PA3
AVSS 132
34 PA2
AIN0 133
33 PA1
AIN1 134
32 PA0
P03 135
31 TEST
P02 136
30 P11/OSC1
3.33mm
4.23mm
Chip size:
3.33 mm
 4.23 mm
PAD count:
136 pins
Minimum PAD pitch:
100
m
PAD aperture:
80
m  80 m
Chip thickness:
350
m
Voltage of the rear side of chip: VSS level
Figure 5 ML610Q435 Chip Layout & Dimension


Similar Part No. - ML610Q436

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q436 ETC2-ML610Q436 Datasheet
639Kb / 35P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q436 LAPIS-ML610Q436 Datasheet
777Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610Q436

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com