Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610Q461 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML610Q461
Description  8-bit Microcontroller with a Built-in LCD driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q461 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML610Q461 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
FEDL610Q461-01
Issue Date: Oct. 10, 2013
ML610Q461/ML610Q462/ML610Q463
8-bit Microcontroller with a Built-in LCD driver
GENERAL DESCRIPTION
This LSI is a high-performance 8-bit CMOS microcontroller into which peripheral circuits, such as synchronous serial port,
UART, RC oscillation type A/D converter, and LCD driver, are incorporated around LAPIS Semiconductor-original 8-bit CPU
nX-U8/100. ML610Q461 operates in both high/low-speed mode and power-saving mode, it is most suitable for battery operated
products.
ML610Q461P/ML610Q462P/ML610Q463P support industrial temperature -40
°C to +85°C, are added to the product lineup.
FEATURES
• CPU
− 8-bit RISC CPU (CPU name: nX-U8/100)
− Instruction system: 16-bit instructions
− Instruction set:
Transfer,
arithmetic
operations,
comparison,
logic
operations,
multiplication/division,
bit
manipulations, bit logic operations, jump, conditional jump, call return stack manipulations, arithmetic
shift, and so on
− On-Chip debug function
− Minimum instruction execution time
30.5
µs (@32.768 kHz system clock)
2
µs (@500kHz system clock)
0.5
µs(@2MHz system clock)
• Internal memory
− Internal 16KByte Flash ROM (8K×16 bits) (including unusable 1K Byte TEST area)
− Internal 1KByte Data RAM (1024×8 bits)
• Interrupt controller
− 1 non-maskable interrupt sources
Internal source: 1 (Watch dog timer)
− 17 maskable interrupt sources
Internal sources: 12 (SSIO0, Timer0, Timer1, Timer2, Timer3, UART0, RC-A/D converter, PWM0, TBC128Hz, TBC32Hz,
TBC16Hz, TBC2Hz)
External sources: 5 (P00, P01, P02, P03, P04)
• Time base counter
− Low-speed time base counter ×1 channel
Frequency compensation (Compensation range: Approx.
−488ppm to +488ppm. Compensation accuracy: Approx.
0.48ppm)
− High-speed time base counter ×1 channel
• Watchdog timer
− Non-maskable interrupt and reset
− Free running
− Overflow period: 4 types selectable (125ms, 500ms, 2s, and 8s)
1/34


Similar Part No. - ML610Q461

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML610Q461 LAPIS-ML610Q461 Datasheet
676Kb / 29P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610Q461

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com