Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610Q462 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ML610Q462
Description  8-bit Microcontroller with a Built-in LCD driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q462 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ML610Q462 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q462 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q462 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML610Q462 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML610Q462 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML610Q462 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML610Q462 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML610Q462 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML610Q462 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
FEDL610Q461-01
ML610Q461/ML610Q462/ML610Q463
ML610Q461/ML610Q462/ML610Q463 Pad Coordinates
Table 1 ML610Q461/ML610Q462/ML610Q463 Pad Coordinates
Chip Center: X=0,Y=0
PAD
No.
Pad
Name
ML610Q461/Q462/Q463
PAD
No.
Pad
Name
ML610Q461/Q462/Q463
X (μm)
Y (μm)
X (μm)
Y (μm)
1
P40
-640
-894
42
P67
(*1)
-160
894
2
P41
-560
-894
SEG24
(*2) (*3)
3
P42
-480
-894
43
P66
(*1)
-240
894
4
P43
-400
-894
SEG25
(*2) (*3)
5
P44
-320
-894
44
P65
(*1)
-320
894
6
P45
-240
-894
SEG26
(*2) (*3)
7
P46
-160
-894
45
P64
(*1)
-400
894
8
P47
-80
-894
SEG27
(*2) (*3)
9
VDD
0
-894
46
P63
(*1) (*2)
-480
894
10
VSS
80
-894
SEG28
(*3)
11
VDDL
160
-894
47
P62
(*1) (*2)
-560
894
12
XT0
240
-894
SEG29
(*3)
13
XT1
400
-894
48
P61
(*1) (*2)
-640
894
14
RESET_N
480
-894
SEG30
(*3)
15
TEST0
560
-894
49
P60
(*1) (*2)
-944
615
16
TEST1_N
640
-894
SEG31
(*3)
17
C1
944
-610
50
VSS
-944
535
18
C2
944
-530
51
P20
-944
455
19
VL1
944
-450
52
P21
-944
375
20
VL2
944
-370
53
P00
-944
280
21
VL3
944
-290
54
P01
-944
200
22
COM0
944
-200
55
P02
-944
120
23
COM1
944
-120
56
P03
-944
40
24
COM2
944
-40
57
P04
-944
-40
25
COM3
944
40
58
P30
-944
-120
26
SEG8
944
120
59
P31
-944
-200
27
SEG9
944
200
60
P34
-944
-280
28
SEG10
944
280
61
P32
-944
-360
29
SEG11
944
360
62
P33
-944
-440
30
SEG12
944
440
63
P35
-944
-520
31
SEG13
944
520
64
VPP
-944
-600
32
SEG14
944
615
33
SEG15
640
894
34
SEG16
560
894
35
SEG17
480
894
36
SEG18
400
894
37
SEG19
320
894
38
SEG20
240
894
39
SEG21
160
894
40
SEG22
80
894
41
SEG23
0
894
(*1)
Pad
for
ML610Q461.
(*2)
Pad
for
ML610Q462.
(*3)
Pad
for
ML610Q463.
11/34


Similar Part No. - ML610Q462

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML610Q462 LAPIS-ML610Q462 Datasheet
676Kb / 29P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610Q462

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com