Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610Q482 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ML610Q482
Description  8-bit Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q482 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ML610Q482 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML610Q482 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML610Q482 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML610Q482 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML610Q482 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610Q482 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610Q482 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q482 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q482 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
FEDL610Q482-02
ML610Q482/ML610482
2/32
• PWM
− Resolution 16 bits × 1 channel
• Synchronous serial port
− Master/slave selectable
− LSB first/MSB first selectable
− 8-bit length/16-bit length selectable
• UART
− TXD/RXD × 1 channel
− Bit length, parity/no parity, odd parity/even parity, 1 stop bit/2 stop bits
− Positive logic/negative logic selectable
− Built-in baud rate generator
• I2C bus interface
− Master function only
− Fast mode (400 kbps@4MHz), standard mode (100 kbps@1MHz, 50kbps@500kHz)
• Buzzer driver
− 4 output modes, 8 frequencies, 16 duty levels
• RC oscillation type A/D converter
− 24-bit counter
− Time division × 2 channels
• Analog Comparator
− Operating voltage:
VDD=1.8V~3.6V
− Common mode input voltage:
0.2V~VDD-1.0V
− Input offset voltage:
50mV(max)
− Interrupt allow edge selection and sampling selection
• General-purpose ports
− Non-maskable interrupt input port × 1 channel
− Input-only port × 6 channels (including secondary functions)
− Output-only port × 4 channels (including secondary functions)
− Input/output port × 22 channels (including secondary functions)
• Reset
− Reset through the RESET_N pin
− Power-on reset generation when powered on
− Reset when oscillation stop of the low-speed clock is detected
− Reset by the watchdog timer (WDT) overflow
• Power supply voltage detect function
− Judgment voltages:
One of 16 levels
− Judgment accuracy:
±2% (Typ.)
• Clock
− Low-speed clock: (This LSI can not guarantee the operation without low-speed clock)
Crystal oscillation (32.768 kHz/38.4KHz)
− High-speed clock:
Built-in RC oscillation (500 kHz)
Built-in PLL oscillation (8.192 MHz
±2.5%), crystal/ceramic oscillation (4.096 MHz), external clock
− Selection of high-speed clock mode by software:
Built-in RC oscillation, built-in PLL oscillation, crystal/ceramic oscillation, external clock


Similar Part No. - ML610Q482

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML610Q482 LAPIS-ML610Q482 Datasheet
475Kb / 32P
   8-bit Microcontroller
More results

Similar Description - ML610Q482

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com