Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7386 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ML7386
Description  Sub GHz band wireless transmitter IC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7386 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ML7386 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML7386 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7386 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7386 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7386 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7386 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7386 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7386 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7386 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
FEDL7386B-07
ML7386/ML7386B
7/41
●Miscellaneous
Pin
No
Pin name
I/O
Active
Level
at reset
Detail function
5
TCXO
IA
-
I
External clock (TCXO) input pin.
*Fixed to GND level when crystal oscillator is
used.
6
XO
Oosc
-
O
26MHoecillator pin2
*Fixed to GND level when external clock
generator is used
7
XIN
Iosc
-
I
26MHz oscillator pin1
*Fixed to GND level when external clock
generator is used
8
LD *1
O
H
L
PLL Lock detect pin
L: PLL unlock status
H: PLL lock status
15
RSTN
Is
L
I
Hardware reset
L: Rest, stop
H: Normal operation
16
LP_CTLN
I
L
I
Sleep mode control pin
L: Deep sleep mode
H: Exit from deep sleep mode
*1 Activated when write 0x18 to the [RF_MODE: 0x00] register.
●Power Supply
Pin
No
Pin name
I/O
Active
Level
at reset
Detail function
2
VDD_CP
-
-
-
Power supply pin for PLL charge pump block.
(Connection for REG_OUT pin. Typ.1.5V)
17
VDD_IO
-
-
-
Power supply for digital IOs
(Input voltage from 1.8 V to 3.3 V)
20
VDD_PA
-
-
-
Power supply pin for PA block.
(Input voltage from 1.8V to 3.3V)
23
GND_PA
-
-
-
GND pin for PA block.
24
VDD_RF
-
-
-
Power supply pin for RF blocks.
(Connection for REG_OUT pin. Typ.1.5V)
28
VDD_VCO
-
-
-
Power supply pin for VCO block.
(Connection for REG_OUT pin. Typ.1.5V)


Similar Part No. - ML7386

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7344C ETC2-ML7344C Datasheet
1Mb / 151P
   Sub-GHz band short range wireless transceiver IC
logo
LAPIS Semiconductor Co....
ML7344C LAPIS-ML7344C Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
ML7344CE LAPIS-ML7344CE Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
ML7344CJ LAPIS-ML7344CJ Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
logo
List of Unclassifed Man...
ML7344E ETC2-ML7344E Datasheet
1Mb / 151P
   Sub-GHz band short range wireless transceiver IC
More results

Similar Description - ML7386

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7344C ETC2-ML7344C Datasheet
1Mb / 151P
   Sub-GHz band short range wireless transceiver IC
logo
LAPIS Semiconductor Co....
ML7396A LAPIS-ML7396A Datasheet
1Mb / 140P
   Sub GHz band short range wireless transceiver IC
logo
Sanyo Semicon Device
LV2256PTT SANYO-LV2256PTT Datasheet
61Kb / 5P
   Bi-CMOS IC 315MHz Band FSK/ASK Wireless Transmitter IC
LV2257PTT SANYO-LV2257PTT Datasheet
61Kb / 5P
   Bi-CMOS IC 434MHz Band FSK/ASK Wireless Transmitter IC
logo
Rohm
BD57020MWV ROHM-BD57020MWV Datasheet
3Mb / 42P
   Wireless Power Transmitter IC
BD57021MWV ROHM-BD57021MWV Datasheet
3Mb / 41P
   Wireless Power Transmitter IC
logo
LAPIS Semiconductor Co....
ML7344C LAPIS-ML7344C Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
logo
Microchip Technology
MICRF114 MICROCHIP-MICRF114 Datasheet
1Mb / 34P
   Low-Power Integrated Sub-GHz Wireless RF Transmitter
07/14/15
logo
Toshiba Semiconductor
TB6865AFG TOSHIBA-TB6865AFG Datasheet
1Mb / 32P
   Qi compliant wireless power transmitter IC
logo
Integrated Device Techn...
F6501 IDT-F6501 Datasheet
284Kb / 2P
   Ku-Band SATCOM Transmitter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com