Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9212 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ML9212
Description  32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9212 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ML9212 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
FEDL9212-01
LAPIS Semiconductor
ML9212
7/17
ELECTRICAL CHARACTERISTICS
DC Characteristics
Ta = –40 to +105°C, VDISP = 8.0 to 18.0 V, VDD = 4.5 to 5.5 V
Parameter
Symbol
Applied pin
Condition
Min.
Max.
Unit
High Level Input Voltage
VIH
*1)
0.8VDD
V
Low Level Input Voltage
VIL
*1)
0.2VDD
V
High Level Input Current
IIH
*1)
VIH = VDD
–1.0
+1.0
A
Low Level Input Current
IIL
*1)
VIL = GND
–1.0
+1.0
A
VOH1
SEG1-22
lOH1 = –5 mA
VDlSP – 0.8
V
VOH2
SEG23-32
lOH2 = –10 mA
VDlSP – 0.8
V
VOH3
GRID1-3
VDISP = 9.5V
lOH3 = –5 mA
VDlSP – 0.8
V
High Level Output
Voltage
VOH4
*2)
VDD = 4.5 V
lOH4 = –200 AVDD – 0.8
V
VOL1
SEG1-22
lOL1 = 500 A
2.0
V
VOL2
SEG23-32
lOL2 = 500 A
2.0
V
VOL3
GRID1-3
VDlSP = 9.5V
lOL3 = 10 mA
2.0
V
Low Level Output
Voltage
VOL4
*2)
VDD = 4.5 V
lOL4 = 200 A
0.8
V
IDISP
VDISP
100
uA
Supply Current
IDD
VDD
R = 10 k
±5%,
C = 27 pF±5%
no load
5.0
mA
*1) CS, CLOCK, DATA IN, DIM IN, SYNC IN 1, SYNC IN 2, M/S, DUP/TRI
*2) DIM OUT, SYNC OUT 1, SYNC OUT 2


Similar Part No. - ML9212

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9212 OKI-ML9212 Datasheet
251Kb / 17P
   32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
   32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
logo
LAPIS Semiconductor Co....
ML9212 LAPIS-ML9212 Datasheet
110Kb / 17P
   32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
logo
OKI electronic componet...
ML9212GA OKI-ML9212GA Datasheet
251Kb / 17P
   32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
More results

Similar Description - ML9212

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9210 OKI-MSM9210 Datasheet
219Kb / 20P
   32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9212 OKI-ML9212 Datasheet
251Kb / 17P
   32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
logo
List of Unclassifed Man...
FEDL9212-01 ETC2-FEDL9212-01 Datasheet
110Kb / 17P
   32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
logo
LAPIS Semiconductor Co....
ML9212 LAPIS-ML9212 Datasheet
110Kb / 17P
   32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
   32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
logo
OKI electronic componet...
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
   82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
   32-Bit Duplex Controller/Driver with Digital Dimming Function
ML9211 OKI-ML9211 Datasheet
230Kb / 20P
   56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com