Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9272 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ML9272
Description  40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9272 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML9272 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9272 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9272 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9272 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9272 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9272 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9272 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9272 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9272 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FEDL9272-02
LAPIS Semiconductor
ML9272
8/15
AC Characteristics
(VDD = 3.0 to 3.6V or 4.5 to 5.5V, VDISP = 10 to 65V, Ta = –40 to +105°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
CLOCK Pulse Width
tW(CLK)
75
ns
DATA Setup Time
tSU(D-CLK)
80
ns
DATA Hold Time
tH(CLK-D)
50
ns
Latch Probe Pulse Width
tw(LS)
80
ns
CHG Pulse Width
tw(CHG)
6
s
CL Pulse Width
tw(CL)
6
s
CLK-LS Delay Time
tsu(CLK-LS)
50
ns
LS-CLK Delay Time
tsu(LS-CLK)
0
ns
LS-CHG Delay Time
tsu(LS-CHG)
0
s
LS-CL Delay Time
tsu(LS-CL)
0
s
DATA OUT Delay Time
tPD
Cl l = 30 pF
300
ns
tDLH
0.3
1.0
s
All Output Delay Time
tDHL
Cl d = 100 pF
tR = 20 to 80%
tF = 80 to 20%
2.0
5.0
s
tTLH
0.3
1.0
s
All Output Slew Rate
tTHL
Cl d = 100 pF
tR = 20 to 80%
tF = 80 to 20%
2.0
5.0
s


Similar Part No. - ML9272

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
   40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
More results

Similar Description - ML9272

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1162A OKI-MSC1162A Datasheet
110Kb / 14P
   40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
List of Unclassifed Man...
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
   40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
OKI electronic componet...
ML9261A OKI-ML9261A Datasheet
134Kb / 16P
   60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
ML9261 OKI-ML9261 Datasheet
160Kb / 17P
   60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com