Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1004SRG Datasheet(PDF) 3 Page - Stanson Technology

Part # ST1004SRG
Description  N Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST1004SRG Datasheet(HTML) 3 Page - Stanson Technology

  ST1004SRG Datasheet HTML 1Page - Stanson Technology ST1004SRG Datasheet HTML 2Page - Stanson Technology ST1004SRG Datasheet HTML 3Page - Stanson Technology ST1004SRG Datasheet HTML 4Page - Stanson Technology ST1004SRG Datasheet HTML 5Page - Stanson Technology ST1004SRG Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ST1004SRG
N Channel Enhancement Mode MOSFET
2.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST1004SRG 2013. V1
ELECTRICAL CHARACTERISTICS
( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ Max Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=250uA
100
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
1.0
2.5
V
Gate Leakage Current
IGSS
VDS=0V, VGS=±20V
±100
nA
VDS=80V, VGS=0V
1
Zero Gate Voltage Drain
Current
IDSS
VDS=80V, VGS=0V
TJ=125℃
5
uA
On-State Drain Current
ID(on)
VDS5V,VGS=10V
3.0
A
Drain-source On-Resistance
RDS(on)
VGS=10V,ID=2.0A
VGS=4.5V,ID=1.0A
0.26
0.29
0.31
0.32
Ω
Forward Transconductance
gfs
VDS=5V,ID=3.6V
2.4
S
Diode Forward Voltage
VSD
IS=1.0A,VGS=0V
1.2
V
Dynamic
Total Gate Charge
Qg
9
13
Gate-Source Charge
Qgs
2
Gate-Drain Charge
Qgd
VDS=80V
VGS=10V
ID≡5.0A
1.4
nC
Input Capacitance
Ciss
508
Output Capacitance
Coss
29
Reverse Transfer
Capacitance
Crss
VDS=25V
VGS=0V
F=1MHz
16.5
pF
12
Turn-On Time
td(on)
tr
21.5
11.2
Turn-Off Time
td(off)
tf
VDD=50V
RL=10Ω
ID=3.0A
VGEN=10V
RG=3.3Ω
18.8
nS


Similar Part No. - ST1004SRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST100 STMICROELECTRONICS-ST100 Datasheet
26Kb / 3P
   ST100 DSP CORES
logo
RFbeam Microwave GmbH
ST100 RFBEAM-ST100 Datasheet
662Kb / 2P
   ST100 Starterkit
logo
Vishay Siliconix
ST100-125T3MI VISHAY-ST100-125T3MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST100-30TMI VISHAY-ST100-30TMI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
Solid States Devices, I...
ST1000 SSDI-ST1000 Datasheet
114Kb / 2P
   Transient Voltage Suppressor
More results

Similar Description - ST1004SRG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com