Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPLM358 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GPLM358
Description  D U A L O P E R A T II O N A L A MP LII F II ER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GPLM358 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GPLM358 Datasheet HTML 1Page - E-Tech Electronics LTD GPLM358 Datasheet HTML 2Page - E-Tech Electronics LTD GPLM358 Datasheet HTML 3Page - E-Tech Electronics LTD GPLM358 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
ISSUED DATE :2003/08/11
REVISED DATE :2004/09/30B
G
G P
P L
L M
M 335588
D
D U
U A
A L
L O
O P
P E
E R
R A
A T
T II O
O N
N A
A L
L A
A M
M P
P L
L II F
F II E
E R
R
Description
The GPLM358 consists of two independent high gain, internally frequency compensated operational amplifier. It can be
operated from a Single power supply and also split power supplies.
Features
*Internally frequency compensated for unity gain.
*Wide power supply range 3V – 32V.
*Input common – mode voltage range include ground.
*Large DC voltage gain.
Applications
*General purpose amplifier.
*Transducer amplifier.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
0.5334
c1
0.203
0.279
A1
0.381
-
D
9.017
10.16
A2
2.921
4.953
E
6.096
7.112
b
0.356
0.559
E1
7.620
8.255
b1
0.356
0.508
e
2.540 BSC
b2
1.143
1.778
HE
-
10.92
b3
0.762
1.143
L
2.921
3.810
c
0.203
0.356
Pin Configurations
SEATING PLANE
e
b
Z
Z
D
SECTION Z - Z
b
GAUGE PLANE
DIP-8


Similar Part No. - GPLM358

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GPLM358 GTM-GPLM358 Datasheet
214Kb / 4P
   DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - GPLM358

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GPLM393 ETL-GPLM393 Datasheet
186Kb / 4P
   D U A L D II F F E R E N T II A L C O M PA R A T O R
GSD882S ETL-GSD882S Datasheet
133Kb / 2P
   P N P E P II T A X II A L P L A N A R T R A N S II S T O R
GP103A ETL-GP103A Datasheet
187Kb / 4P
   D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
GSC103A ETL-GSC103A Datasheet
196Kb / 4P
   D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
GSCLM358 ETL-GSCLM358 Datasheet
265Kb / 4P
   D U A L O P E R AT I O N A L A MPL IFI ER
GSCLM393 ETL-GSCLM393 Datasheet
233Kb / 4P
   D U A L D I F F E R E N T I A L C O M P A R AT O R
GP4558 ETL-GP4558 Datasheet
209Kb / 4P
   D U A L O P E R AT I O N A L A M P L I F I E R
GSC4558 ETL-GSC4558 Datasheet
221Kb / 4P
   D U A L O P E R AT I O N A L A M P L I F I E R
GSS1120 ETL-GSS1120 Datasheet
276Kb / 3P
   D u a l 1 A L o w D r o p o u t P o s i t i v e R e g u l a t o r
GDTL494 ETL-GDTL494 Datasheet
251Kb / 5P
   V O L T A G E M O D E P W M C O N T R O L C II R C U II T
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com