Electronic Components Datasheet Search |
|
GPNE555 Datasheet(PDF) 5 Page - E-Tech Electronics LTD |
|
GPNE555 Datasheet(HTML) 5 Page - E-Tech Electronics LTD |
5 / 5 page 5/5 ISSUED DATE :2005/08/10 REVISED DATE :2006/05/15B Application Circuit Application Notes The application circuit shows astable mode configuration. Pin 6 (Threshold) is tied to Pin 2 (Trigger) and Pin 4 (Reset) is tied to VCC (Pin 8). The external capacitor C1 of Pin 6 and Pin 2 charges through RA, RB and discharge through RB only. In the internal circuit of GPNE555, one input of the upper comparator is at voltage of 2/3VCC (R1=R2=R3), another input is connected to Pin 6. As soon as C1 is charging to higher than 2/3VCC, transistor Q1 is turned ON and discharge C1 to collector voltage of transistor Q1. Therefore, the flip-flop circuit is reset and output is low. One input of lower comparator is at voltage of 1/3VCC, discharge transistor Q1 turn off and C1 charges through RA and RB. Therefore, flip-flop circuit is set output high. That is, when C1 charges through RA and RB, output is high and when C1 discharge through RB, output is low. The charge time (output is high) t1 is 0.693 (RA+RB) C1 and the discharge time (output is low) T2 is 0.693RB*C1. In =0.693 T1=0.693*(RA+RB)*C1 Thus the total period time T is given by T2=0.693*RB*C1 T=T1+T2=0.693(RA+2RB)*C1. Then the frequency of astable mode is given by f = = The duty cycle is given by D.C. = = . portant Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165 FLIP-FLOP GPNE555 1 3 Vcc- Vcc 2 13 Vcc- Vcc 1 T (RA+2RB)*C1 1.44 T2 T RA+2RB RB |
Similar Part No. - GPNE555 |
|
Similar Description - GPNE555 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |