Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQ2123-25 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # GQ2123-25
Description  C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GQ2123-25 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  GQ2123-25 Datasheet HTML 1Page - E-Tech Electronics LTD GQ2123-25 Datasheet HTML 2Page - E-Tech Electronics LTD GQ2123-25 Datasheet HTML 3Page - E-Tech Electronics LTD GQ2123-25 Datasheet HTML 4Page - E-Tech Electronics LTD GQ2123-25 Datasheet HTML 5Page - E-Tech Electronics LTD GQ2123-25 Datasheet HTML 6Page - E-Tech Electronics LTD GQ2123-25 Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
ISSUED DATE :2004/12/16
REVISED DATE :
Ordering Information ( contd. )
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GQ2123-15
3B152
XXXX
1.5V
GQ2123-18
3B182
XXXX
1.8V
GQ2123-25
3B252
XXXX
2.5V
GQ2123-27
3B272
XXXX
2.7V
GQ2123-28
3B282
XXXX
2.8V
GQ2123-29
3B292
XXXX
2.9V
GQ2123-30
3B302
XXXX
3.0V
GQ2123-31
3B312
XXXX
3.1V
GQ2123-33
3B332
XXXX
3.3V
GQ2123-34
3B342
XXXX
3.4V
GQ2123-35
3B352
XXXX
3.5V
GQ2123-36
3B362
XXXX
3.6V
GQ2123-37
3B372
XXXX
3.7V
GQ2123-38
3B382
XXXX
3.8V
GQ2123-50
3B502
XXXX
5.0V
GQ2123-2H
3B2H2
XXXX
2.85V
Characteristics Curve


Similar Part No. - GQ2123-25

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GQ2123 GTM-GQ2123 Datasheet
542Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GQ2123-25

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GQ2141 ETL-GQ2141 Datasheet
773Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2171 ETL-GQ2171 Datasheet
755Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62FP ETL-G62FP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2163 ETL-GQ2163 Datasheet
560Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62VP ETL-G62VP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G2123 ETL-G2123 Datasheet
346Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com