Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQ2141 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # GQ2141
Description  C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GQ2141 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  GQ2141 Datasheet HTML 1Page - E-Tech Electronics LTD GQ2141 Datasheet HTML 2Page - E-Tech Electronics LTD GQ2141 Datasheet HTML 3Page - E-Tech Electronics LTD GQ2141 Datasheet HTML 4Page - E-Tech Electronics LTD GQ2141 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GQ2141
Page: 3/5
ISSUED DATE :2006/04/04
REVISED DATE :
Ordering Information ( contd. )
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GQ2141-AD
1DAD2
XXXX
Adjustable
Detailed Description
The GQ2141 of COMS regulator contains a PMOS pass transistor, voltage reference, error amplifier, over-
current protection, and thermal shutdown.
The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal
protection circuits. During normal operation, the error amplifier compares the output voltage to a precision
reference. Over-current and Thermal shutdown circuits become active when the junction temperature exceeds
150 : , or the current exceeds 150mA. During thermal shutdown, the output voltage remains low. Normal
operation is restored when the junction temperature drops below 120 : .
The GQ2141 switches from voltage mode to current mode when the load exceeds the rated output current.
This prevents over-stress. The GQ2141 also incorporates current fold-back to reduce power dissipation when
the output is short circuited. This feature becomes active when the output drops below 0.8 volts, and reduces
the current flow by 65%. Full current is restored when the voltage exceeds 0.8 volts.
External Capacitors
The GQ2141 is stable with an output capacitance to ground of 0.22 F or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the
highest ESR, resulting in the poorest AC response.
A second capacitor is recommended between the input and ground to stabilize Vin. The input capacitor should
be at least 1 F to have a beneficial effect.
A large capacitor improves the AC ripple rejection, but also makes the output come up slowly. This “Soft”
turn-on is desirable in some applications to limit turn-on surges.
All capacitors should be placed in close proximity to the pins. A “Quiet” ground termination is desirable. This
can be achieved with a “Star” connection.
Shutdown
When actively, pulled low, the PMOS pass transistor shuts off, and all internal circuits are powered down. In
this state, the quiescent current is less than 1 A. This pin behaves much like an electronic switch.
Adjustable Version
The GQ2141 features a user-adjustable output through an external feedback resister divider. To set the output
of GQ2141 use the following equation:
VOUT=VADJ * (1+R1/R2)
VADJ=1.225, use 1% or better resistors
Characteristics Curve


Similar Part No. - GQ2141

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GQ2141 GTM-GQ2141 Datasheet
767Kb / 5P
   CMOS POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GQ2141

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2123 ETL-GQ2123 Datasheet
559Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2171 ETL-GQ2171 Datasheet
755Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62FP ETL-G62FP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2163 ETL-GQ2163 Datasheet
560Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62VP ETL-G62VP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G2123 ETL-G2123 Datasheet
346Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com