Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQ2141 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GQ2141
Description  C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GQ2141 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GQ2141 Datasheet HTML 1Page - E-Tech Electronics LTD GQ2141 Datasheet HTML 2Page - E-Tech Electronics LTD GQ2141 Datasheet HTML 3Page - E-Tech Electronics LTD GQ2141 Datasheet HTML 4Page - E-Tech Electronics LTD GQ2141 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GQ2141
Page: 1/5
ISSUED DATE :2006/04/04
REVISED DATE :
G
G Q
Q 22114411
C
C M
M O
O S
S P
P o
o ss ii tt ii vv ee V
V o
o ll tt aa g
g ee R
R ee g
g u
u ll aa tt o
o rr
Description
The GQ2141 of positive, linear regulator feature low quiescent current (50 A typ.) with low dropout voltage and
excellent PSRR, thus making them ideal for Telecommunications and other battery applications.
The GQ2141’s output voltage can be adjusted with an external resister divider.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under
the “Worst” of operating conditions.
As an additional feature, the GQ2141 is stable with an output capacitance of just extended 0.22 F or greater.
Features
Functional Block Diagram
&Very Low Dropout Voltage
&Guaranteed 150mA output
&Over-Temperature Shutdown
&Current Limiting
&Short Circuit Current Fold-back
&Excellent PSRR Type 70dB
&Power-saving Shutdown Mode
&Factor Pre-set Output Voltage
Applications
&Battery Powered Widgets
&Instrumentation
&Wireless Devices
&PC Peripherals
&Portable Electronics
&Cordless Phones
&Electronic Scales
&Cellular Phones
&Cameras
&Telecommunications
Package Dimensions
Millimeter
Dimensions
REF.
Min.
Max.
REF.
Millimeter
A
2.70
3.10
G
1.90 REF.
B
2.60
3.00
H
1.20 REF.
C
1.40
1.80
I
0.12 REF.
D
0.30
0.55
J
0.37 REF.
E
0
0.10
K
0.60 REF.
F
10°
L
0.95 REF.
Typical Application Circuit


Similar Part No. - GQ2141

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GQ2141 GTM-GQ2141 Datasheet
767Kb / 5P
   CMOS POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GQ2141

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2123 ETL-GQ2123 Datasheet
559Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2171 ETL-GQ2171 Datasheet
755Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62FP ETL-G62FP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2163 ETL-GQ2163 Datasheet
560Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62VP ETL-G62VP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G2123 ETL-G2123 Datasheet
346Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com