Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQ2181-32 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GQ2181-32
Description  C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GQ2181-32 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GQ2181-32 Datasheet HTML 1Page - E-Tech Electronics LTD GQ2181-32 Datasheet HTML 2Page - E-Tech Electronics LTD GQ2181-32 Datasheet HTML 3Page - E-Tech Electronics LTD GQ2181-32 Datasheet HTML 4Page - E-Tech Electronics LTD GQ2181-32 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
ISSUED DATE :2005/12/12
REVISED DATE :
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
I
nput Max Voltage
VIN
6
V
Output Current
IOUT
PD/( VIN- VO)
mA
Output Voltage
VOUT
1.5~3.3
V
Operating Ambient Temperature
Topr
-40 ~ +85
:
Junction Temperature
Tj
-40 ~ +125
Maximum Junction Temperature
Tj Max
150
Power Dissipation( T=100 : )
PD
380
mW
EDS Classification
B
Electrical Characteristics TA=25
unless otherwise noted
(VOUT(T)>2.0V VIN=VOUT(T)+0.5V; VOUT(T) 2.0V VIN=VOUT(T)+1V; VSHDN=VIN, CIN=COUT=1uF)
Parameter
Symbol
Condition
Min
TYP
Max
Unit
IO
=0.1mA, VOUT(T) 2.0V
-1.0
1.0
IO
=0.1mA, VOUT(T)<2.0V
-1.5
1.5
Output Voltage
VOUT(E)
(Note1)
IO
=150mA
-2.0
VOUT(T)
(Note2)
2.0
%
Current Limit
ILIM
VO>800mV
150
200
-
mA
Fold-back Current
IFB
VO=0V
-
80
-
A
VOUT>2.0V
VIN=VOUT(T)+0.5V
-1
0.5
1
Load Regulation
REGLOAD IO=0.1 to 150mA
VOUT 2.0V
VIN=VOUT(T)+1V
-2
-
2
%
VOUT(T) 2.0V
-
300
500
1.8V VOUT(T)<2.0V
-
700
1000
Dropout Voltage
VDROPOUT
IO
=150mA
VO=VOUT(E)-2%
1.5V VOUT(T)<1.8V
-
900
1300
mV
Quiescent Current
IQ
VIN=5V, IO=0mA
-
60
-
A
Ground Pin Current
IGND
VIN=5V, IO=1mA to150mA
-
50
-
A
IO
=0.1mA, VOUT>2.0V
VIN=VOUT(T)+0.5V to 5.5V
-0.2
0.1
0.2
Line Regulation
REGLINE
IO
=0.1mA, VOUT 2.0V
VIN=VOUT(T)+1V to 5.5V
-0.4
-
0.4
%
I
nput Voltage
VIN
Note3
-
5.5
V
Over Temperature Shutdown
OTS
-
137
-
:
Over Temperature Hysterisis
OTH
-
23
-
:
Output Voltage
Temperature Coefficient
TC
-
30
-
ppm/ :
Power Supply Rejection
PSRR
R
o=100 ,Co=2.2mF, f=1kHz
-
70
-
dB
Output Voltage Noise
eN
f=10Hz~100kHz, Io=10mA, Co=2.2 F
-
30
-
Vrms
VSHDNH
VSHDN=0.8* VIN
0.8* VIN
-
VIN
V
SHDN Input Threshold
VSHDNL
VSHDN=0.6V
0
-
0.6
V
SHDN Input Bias Current
VIN=5V, EN=0v, or 5V
-
0.01
-
A
Shutdown Supply Current
ISD
VIN=5V, VO=0V
-
0.5
1
A
Shutdown Output Voltage
VO,SD
Output Loading 1200 , Vo=0V
0
-
0.4
V
Note 1: VOUT (E) =Effective Output Voltage (i.e. the output voltage when “VOUT(T)>2.0V VIN=VOUT(T)+0.5V; VOUT(T) 2.0V VIN=VOUT(T)+1V;
VSHDN=VIN” is provided at the VIN pin while maintaining a certain IOUT value).
2: VOUT (T) =Specified Output Voltage
3: VIN (MIN) =VOUT+VDROPOUT


Similar Part No. - GQ2181-32

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GQ2181 GTM-GQ2181 Datasheet
749Kb / 5P
   CMOS POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GQ2181-32

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GQ2141 ETL-GQ2141 Datasheet
773Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2123 ETL-GQ2123 Datasheet
559Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2171 ETL-GQ2171 Datasheet
755Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62FP ETL-G62FP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2163 ETL-GQ2163 Datasheet
560Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62VP ETL-G62VP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G2123 ETL-G2123 Datasheet
346Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com