Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQ2163-50 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # GQ2163-50
Description  C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GQ2163-50 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  GQ2163-50 Datasheet HTML 1Page - E-Tech Electronics LTD GQ2163-50 Datasheet HTML 2Page - E-Tech Electronics LTD GQ2163-50 Datasheet HTML 3Page - E-Tech Electronics LTD GQ2163-50 Datasheet HTML 4Page - E-Tech Electronics LTD GQ2163-50 Datasheet HTML 5Page - E-Tech Electronics LTD GQ2163-50 Datasheet HTML 6Page - E-Tech Electronics LTD GQ2163-50 Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
ISSUED DATE :2004/11/12
REVISED DATE :
Ordering Information ( contd. )
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GQ2163-15
3F152
XXXX
1.5V
GQ2163-18
3F182
XXXX
1.8V
GQ2163-20
3F202
XXXX
2.0V
GQ2163-25
3F252
XXXX
2.5V
GQ2163-27
3F272
XXXX
2.7V
GQ2163-2H
3F2H2
XXXX
2.85V
GQ2163-28
3F282
XXXX
2.8V
GQ2163-29
3F292
XXXX
2.9V
GQ2163-30
3F302
XXXX
3.0V
GQ2163-31
3F312
XXXX
3.1V
GQ2163-33
3F332
XXXX
3.3V
GQ2163-34
3F342
XXXX
3.4V
GQ2163-35
3F352
XXXX
3.5V
GQ2163-36
3F362
XXXX
3.6V
GQ2163-37
3F372
XXXX
3.7V
GQ2163-38
3F382
XXXX
3.8V
GQ2163-50
3F502
XXXX
5.0V
Characteristics Curve


Similar Part No. - GQ2163-50

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GQ2163 GTM-GQ2163 Datasheet
543Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GQ2163-50

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GQ2141 ETL-GQ2141 Datasheet
773Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2123 ETL-GQ2123 Datasheet
559Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2171 ETL-GQ2171 Datasheet
755Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62FP ETL-G62FP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62VP ETL-G62VP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G2123 ETL-G2123 Datasheet
346Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com