Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2950-2951 Datasheet(PDF) 4 Page - E-Tech Electronics LTD

Part # LP2950-2951
Description  100 mA LOW-DROPOUT VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LP2950-2951 Datasheet(HTML) 4 Page - E-Tech Electronics LTD

  LP2950-2951 Datasheet HTML 1Page - E-Tech Electronics LTD LP2950-2951 Datasheet HTML 2Page - E-Tech Electronics LTD LP2950-2951 Datasheet HTML 3Page - E-Tech Electronics LTD LP2950-2951 Datasheet HTML 4Page - E-Tech Electronics LTD LP2950-2951 Datasheet HTML 5Page - E-Tech Electronics LTD LP2950-2951 Datasheet HTML 6Page - E-Tech Electronics LTD LP2950-2951 Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP2950/2951
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R102-001.L
ELECTRICAL CHARACTERISTICS(Cont.)
For UTC LP2951 8-Pin Version Only
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Reference Voltage
VREF
1.22
1.235
1.25
V
Reference Voltage
VREF
Over temperature(Note 4)
1.19
1.27
V
Feedback pin Bias Current
IFB
20
40
nA
Reference Voltage Temperature
Coefficient
VREF(TC)
50
ppm/
°C
Feedback Bias Current
Temperature Coefficient
IFB(TC)
0.1
nA/
°C
Error Comparator
Output Leakage Current
IO(LEAK) VOH=30V
1
μA
Output Low Voltage
VOL
VIN=4.5V, IOL=400μA
250
mV
Upper
VTHU
(Note 3)
3.2
%VO
Threshold Voltage
Lower
VTHL
(Note 3)
7.6
%VO
Hysteresis
VHYS
(Note 3)
15
mV
Shutdown Input
Low
VIL
Regulator ON
1.3
0.70
Input Logic Voltage
High
VIH
Regulator OFF
2.0
V
VSHDN=2.4V
30
50
μA
Shutdown Pin Input Current
ISHDN
VSHDN=30V
450
600
μA
Regulator Output Current
Shutdown
IDFF
VSHDN≧2V, VIN≦30V, VOUT=0
Feedback pin tied to 5V Tap.
3
10
μA
Note: 1.
2.
3.
4.
Additional conditions for 8-pin versions are FB pin tied to 5VTAP, Output tied to Sense (VOUT=5V) and
VSHDN≤0.8V .
Dropout Voltage is defined as the input to output differential at which the output voltage drops 100mV below
its nominal value measured at 1V differential.
Comparator thresholds are expressed in terms of percentage value of voltage output.
VREF≤VOUT≤(VIN-1V), 2.3V≤VIN≤30V, 100μA≤IL≤100mA, TJ≤TJ(MAX)


Similar Part No. - LP2950-2951

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LP2950-2.85 FCI-LP2950-2.85 Datasheet
122Kb / 3P
   100mA Low Drop Out Voltage Regulators Portable consumer equipment
logo
Unisonic Technologies
LP2950-25-D08-B UTC-LP2950-25-D08-B Datasheet
95Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
LP2950-25-D08-K UTC-LP2950-25-D08-K Datasheet
95Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
LP2950-25-D08-R UTC-LP2950-25-D08-R Datasheet
95Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
LP2950-25-D08-T UTC-LP2950-25-D08-T Datasheet
95Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - LP2950-2951

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC2951 ETC-AMC2951 Datasheet
226Kb / 8P
   100 MA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LP2950 UTC-LP2950_05 Datasheet
95Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950 Datasheet
711Kb / 9P
   100 mA Low-Dropout Voltage Regulator
logo
Unisonic Technologies
LP2950 UTC-LP2950_09 Datasheet
294Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
UTCLP2950 UTC-UTCLP2950 Datasheet
159Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Microchip Technology
LP2951 MICROCHIP-LP2951 Datasheet
2Mb / 30P
   100 mA Low-Dropout Voltage Regulator
09/14/21
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_06 Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
LP2951ACDG ONSEMI-LP2951ACDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDR2G ONSEMI-LP2951ACDR2G Datasheet
257Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
September, 2011 ??Rev. 25
LP2951CDG ONSEMI-LP2951CDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com