Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-1402Z Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1402Z
Description  Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1402Z Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-1402Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
Port Cap Hardware
HFBR-4402Z: 500 SMA Port Caps
HFBR-4120Z: 500 ST Port Plugs
Panel Mount Hardware
Dimensions in mm (inches)
Cross-Sectional View
Figure 1. HFBR-x41xTZ ST Series Cross-Sectional View
HOUSING
CONNECTOR PORT
HEADER
EPOXY BACKFILL
PORT GROUNDING PATH INSERT
LED OR DETECTOR IC
LENS–SPHERE
(ON TRANSMITTERS ONLY)
LENS–WINDOW
(Each HFBR-4401Z and HFBR-4411Z kit consists of 100 nuts and 100 washers).
7.87
(0.310)
7.87
(0.310)
DIA.
1/4 - 36 UNEF -
2B THREAD
1.65
(0.065)
TYP.
DIA.
6.61
(0.260)
DIA.
HEX-NUT
WASHER
0.14
(0.005)
14.27
(0.563)
12.70
(0.50)
DIA.
3/8 - 32 UNEF -
2B THREAD
1.65
(0.065)
TYP.
DIA.
10.41
(0.410)
MAX.
DIA.
HEX-NUT
WASHER
0.46
(0.018)
3/8 - 32 UNEF -
2A THREADING
0.2 IN.
WALL
WASHER
NUT
1 THREAD
AVAILABLE
DATE CODE
PART
NUMBER
HFBR-4401Z: for SMA Ports
HFBR-4411Z: for ST Ports


Similar Part No. - HFBR-1402Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1402Z AVAGO-HFBR-1402Z Datasheet
315Kb / 25P
   RoHS Compliant
HFBR-1402Z AVAGO-HFBR-1402Z Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
logo
Broadcom Corporation.
HFBR-1402Z BOARDCOM-HFBR-1402Z Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
More results

Similar Description - HFBR-1402Z

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
logo
Agilent(Hewlett-Packard...
HFBR-0400 HP-HFBR-0400 Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-2409Z AVAGO-AFBR-2409Z Datasheet
246Kb / 6P
   50 MBd Miniature Link Fiber Optic Receiver
AFBR-24X8XZ AVAGO-AFBR-24X8XZ Datasheet
239Kb / 6P
   DC-50MBd Miniature Link Fiber Optic Receiver
AFBR-24X9XZ AVAGO-AFBR-24X9XZ Datasheet
246Kb / 6P
   50 MBd Miniature Link Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com