Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1121B Datasheet(PDF) 4 Page - E-Tech Electronics LTD

Part # LR1121B
Description  HIGH RIPPLE-REJECTION LDO REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LR1121B Datasheet(HTML) 4 Page - E-Tech Electronics LTD

  LR1121B Datasheet HTML 1Page - E-Tech Electronics LTD LR1121B Datasheet HTML 2Page - E-Tech Electronics LTD LR1121B Datasheet HTML 3Page - E-Tech Electronics LTD LR1121B Datasheet HTML 4Page - E-Tech Electronics LTD LR1121B Datasheet HTML 5Page - E-Tech Electronics LTD LR1121B Datasheet HTML 6Page - E-Tech Electronics LTD LR1121B Datasheet HTML 7Page - E-Tech Electronics LTD LR1121B Datasheet HTML 8Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LR1121B
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-101.D
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
VIN
7
V
Input Voltage
VON/OFF
0.3 ~ VIN+0.3
V
Output Voltage
VOUT
-0.3 ~ VIN+0.3
V
Power Dissipation
PD
280
mW
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
1
VIN=VOUT+1.0V, IOUT=30mA
VOUT
×0.98
VOUT
×1.02
V
Output Current
IOUT
3
VIN V
OUT+1.0V
200
mA
Input Voltage
VIN
2.0
7
V
Line Regulation
V
OUT(LINE)
V
IN×VOUT
1
VOUT+0.5V≤VIN≤7V
IOUT=30mA
0.04
0.2
%/V
Load Regulation
V
OUT(LOAD)
1
VIN=VOUT+1.0V
1.0mA≤IOUT≤80mA
15
40
mV
Output Voltage
Temperature Coefficient
V
OUT
Ta×
VOUT
1
VIN=VOUT+1.0V, IOUT=30mA
-40°C ≤Ta≤85°C
±100
ppm/°C
Supply Current
ISS1
2
VIN=VOUT+1.0V, ON/OFF
pin=ON, no load
30
65
Supply Current During
standby
ISS2
2
VIN=VOUT+1.0V, ON/OFF
pin=OFF, no load
0.1
1.0
μA
Short Circuit Current
ISHORT
3
VIN=VOUT+1.0V, ON/OFF
pin=ON, VOUT=0V
230
mA
High
VSH
4
VIN=VOUT+1.0V, RL=10KΩ
1.6
VIN
V
Shutdown Pin Input
Voltage
Low
VSL
4
VIN=VOUT+1.0V, RL=10KΩ
0
0.3
High
ISH
4
VIN=7V, VON/OFF= VIN
-0.1
0.1
μA
Shutdown Pin Input
Current
Low
ISL
4
VIN=7V, VON/OFF= VSS
-0.1
0.1
Ripple Rejection
RR
5
VIN=VOUT+1.0V, f=1.0kHz
Ripple 0.5Vp-p
70
dB
ELECTRICAL CHARACTERISTICS OF DROPOUT VOLTAGE (Ta=25°C)
VD (Dropout Voltage)
Output Voltage VOUT(V)
Condition
MIN
TYP
MAX
UNIT
2.1V≤VOUT(S)≤2.4V
0.22
0.70
V
2.5V≤VOUT(S)≤2.7V
0.20
0.35
V
2.8V≤VOUT(S)≤3.3V
0.18
0.30
V
3.4V≤VOUT(S)≤5.5V
IOUT=100mA
0.15
0.26
V


Similar Part No. - LR1121B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1121B UTC-LR1121B Datasheet
331Kb / 7P
   HIGH RIPPLE-REJECTION LDO REGULATOR
LR1121B UTC-LR1121B Datasheet
244Kb / 6P
   HIGH RIPPLE-REJECTION LDO REGULATOR
LR1121BG-21-AF5-A-R UTC-LR1121BG-21-AF5-A-R Datasheet
244Kb / 6P
   HIGH RIPPLE-REJECTION LDO REGULATOR
LR1121BG-22-AF5-A-R UTC-LR1121BG-22-AF5-A-R Datasheet
244Kb / 6P
   HIGH RIPPLE-REJECTION LDO REGULATOR
LR1121BG-23-AF5-A-R UTC-LR1121BG-23-AF5-A-R Datasheet
244Kb / 6P
   HIGH RIPPLE-REJECTION LDO REGULATOR
More results

Similar Description - LR1121B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1121B UTC-LR1121B_18 Datasheet
244Kb / 6P
   HIGH RIPPLE-REJECTION LDO REGULATOR
LR1121B UTC-LR1121B Datasheet
331Kb / 7P
   HIGH RIPPLE-REJECTION LDO REGULATOR
logo
Rohm
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
logo
Seiko Instruments Inc
ST111 SII-ST111 Datasheet
406Kb / 23P
   HIGH RIPPLE-REJECTION
logo
Rohm
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Rohm
BHXXNB1WHFV ROHM-BHXXNB1WHFV_09 Datasheet
339Kb / 9P
   High-ripple rejection CMOS LDO Regulators for High-frequency Circuits
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com