Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR18120 Datasheet(PDF) 6 Page - E-Tech Electronics LTD

Part # LR18120
Description  2A LOW DROPOUT REGULATOR WITH ENABLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LR18120 Datasheet(HTML) 6 Page - E-Tech Electronics LTD

  LR18120 Datasheet HTML 1Page - E-Tech Electronics LTD LR18120 Datasheet HTML 2Page - E-Tech Electronics LTD LR18120 Datasheet HTML 3Page - E-Tech Electronics LTD LR18120 Datasheet HTML 4Page - E-Tech Electronics LTD LR18120 Datasheet HTML 5Page - E-Tech Electronics LTD LR18120 Datasheet HTML 6Page - E-Tech Electronics LTD LR18120 Datasheet HTML 7Page - E-Tech Electronics LTD LR18120 Datasheet HTML 8Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LR18120
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-305.G
TYPICAL CHARACTERISTICS (VCC= 3.3V, TA=25°C, unless otherwise specified.)
3
3.5
4
4.5
5
5.5
Input Voltage, VIN (v)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Quiescent Current vs. Input Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-45-35-25-15 -5 5 15 25 35 45 55 65 75 85
Temperature (°C)
Quiescent Current vs. Temperature
3
3.5
4
4.5
5
5.5
Input Voltage, VIN (v)
0
0.1
0.05
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
IPPH Current vs. Input Voltage
-45-35-25-15 -5 5 15 25 35 45 55 65 75 85
Temperature (°C)
0
0.1
0.05
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
IPPH Current vs. Temperature
3
3.5
4
4.5
5
5.5
Input Voltage, VIN (v)
0
5
10
15
20
25
30
35
40
IPPL Current vs. Input Voltage
-45-35-25-15 -5 5 15 25 35 45 55 65 75 85
Temperature (°C)
0
5
10
15
20
25
30
35
40
IPPL Current vs. Temperature


Similar Part No. - LR18120

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120 UTC-LR18120 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120 UTC-LR18120 Datasheet
318Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120G-XX-S08-R UTC-LR18120G-XX-S08-R Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120G-XX-SH2-R UTC-LR18120G-XX-SH2-R Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
More results

Similar Description - LR18120

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G962 GMT-G962 Datasheet
238Kb / 6P
   2A Low Dropout Regulator with Enable
logo
Eutech Microelectronics...
EUP7966 EUTECH-EUP7966 Datasheet
396Kb / 11P
   2A Low-Dropout Regulator with Enable
logo
Global Mixed-mode Techn...
G962 GMT-G962_07 Datasheet
533Kb / 11P
   2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_17 Datasheet
318Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G975 GMT-G975 Datasheet
154Kb / 1P
   2A Low Dropout Regulator with Enable
G966 GMT-G966 Datasheet
46Kb / 1P
   2A Low Dropout Regulator with Enable
G962 GMT-G962_15 Datasheet
75Kb / 1P
   2A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com