Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ527S Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SJ527S
Description  Silicon P Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ527S Datasheet(HTML) 6 Page - Hitachi Semiconductor

  2SJ527S Datasheet HTML 1Page - Hitachi Semiconductor 2SJ527S Datasheet HTML 2Page - Hitachi Semiconductor 2SJ527S Datasheet HTML 3Page - Hitachi Semiconductor 2SJ527S Datasheet HTML 4Page - Hitachi Semiconductor 2SJ527S Datasheet HTML 5Page - Hitachi Semiconductor 2SJ527S Datasheet HTML 6Page - Hitachi Semiconductor 2SJ527S Datasheet HTML 7Page - Hitachi Semiconductor 2SJ527S Datasheet HTML 8Page - Hitachi Semiconductor 2SJ527S Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SJ527(L),2SJ527(S)
6
D. U. T
Rg
I
Monitor
AP
V
Monitor
DS
VDD
50
Vin
–15 V
0
I D
VDS
I AP
V(BR)DSS
L
VDD
E
=
• L • I
2
1
V
V
– V
AR
AP
DSS
DSS
DD
2
2.5
2.0
1.5
1.0
0.5
25
50
75
100
125
150
0
I
= –5 A
V
= –25 V
duty < 0.1 %
Rg > 50
AP
DD
–5
–4
–3
–2
–1
0
–0.4
–0.8
–1.2
–1.6
–2.0
V
= 0 V
GS
–10 V
Pulse Test
–5 V
Maximum Avalanche Energy vs.
Channel Temperature Derating
Avalanche Test Circuit
Avalanche Waveform
Source to Drain Voltage
V
(V)
SD
Reverse Drain Current vs.
Source to Drain Voltage
Channel Temperature Tch (°C)


Similar Part No. - 2SJ527S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ527S RENESAS-2SJ527S Datasheet
93Kb / 9P
   Silicon P Channel MOS FET
logo
Guangdong Kexin Industr...
2SJ527S KEXIN-2SJ527S Datasheet
45Kb / 1P
   Hight Speed Power Switching
logo
Renesas Technology Corp
2SJ527STL-E RENESAS-2SJ527STL-E Datasheet
93Kb / 9P
   Silicon P Channel MOS FET
logo
VBsemi Electronics Co.,...
2SJ527STR VBSEMI-2SJ527STR Datasheet
988Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - 2SJ527S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com