Electronic Components Datasheet Search
Selected language     English  ā–¼


N002-014-BL Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. N002-014-BL
Description  Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Blue, 14-ft.
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

   
 1 page
background image
Cat5e 350MHz Molded Patch Cable (RJ45 M/M) -
Blue, 14-ft.
MODEL NUMBER: N002-014-BL
Description
Tripp Lite's 14-ft. blue category 5e (Cat5e) patch cable has 2 standard RJ45 molded male connectors featuring
integral strain relief. The cable is manufactured from PVC 4-pair stranded UTP and is rated for 350MHz/1Gbps communication. All cables are offered in a
variety of lengths and colors for all category 5 (Cat5) and 5e cabling needs. Snagless category 5e patch cables are also available.
Features
Cabling for category 5 (Cat5) and 5e (Cat5e) applications
Length: 14-ft. Color: blue Connectors: RJ45 male
Feature molded connectors with integral strain relief
PVC 4-pair stranded UTP
Rated for 350MHz/ 1Gbps communication
Meets most current industry standards including IEEE 802.3ab, IEEE 802.5, ANSI/EIA/TIA 568, ISO/IEC 11801 and ETL (category 5e draft 11)
Available in other colors and lengths
Also available in a snagless design (N001 series) to protect the locking tabs on the RJ45 connectors from being damaged or snapped off during
installation
Also available - Cat6 cables (N201 series)
Specifications
OVERVIEW
Intended Application
Computer Networking
Cable Type
CAT5/CAT5E
Model Type
Molded
Highlights
Premium cabling for Category 5
and 5e applicationsā€”rated for
350 MHz/1 Gbps communications
IEEE 802.3ab
PVC 4-pair stranded UTP
All cables feature boots with
integral strain-relief and RJ45
(Male) connectors
System Requirements
For 1000Base-T (1Gbps
Ethernet), 10/100Base-T
(Ethernet), 100 Mbps TPDDI,
155 Mbps ATM, ISDN, voice and
Token Ring Type3 applications.
Package Includes
14-ft. Cat5e Blue Patch Cable
Molded 350MHz
1 / 2




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl