Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N002-014-RD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N002-014-RD
Description  Cat5e 350MHz Molded Patch Cable (RJ45 M/M) Red, 14-ft.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N002-014-RD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N002-014-RD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N002-014-RD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N002-014-RD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cat5e 350MHz Molded Patch Cable (RJ45 M/M) -
Red, 14-ft.
MODEL NUMBER: N002-014-RD
Description
Tripp Lite's 14-ft. red category 5e (Cat5e) patch cable has 2 standard RJ45 molded male connectors featuring
integral strain relief. The cable is manufactured from PVC 4-pair stranded UTP and is rated for 350MHz/1Gbps communication. All cables are offered in a
variety of lengths and colors for all category 5 (Cat5) and 5e cabling needs. Snagless category 5e patch cables are also available.
Features
Cabling for category 5 (Cat5) and 5e (Cat5e) applications
Length: 14-ft. Color: red Connectors: RJ45 male
Feature molded connectors with integral strain relief
PVC 4-pair stranded UTP
Rated for 350MHz/ 1Gbps communication
Meets most current industry standards including IEEE 802.3ab, IEEE 802.5, ANSI/EIA/TIA 568, ISO/IEC 11801 and ETL (category 5e draft 11)
Available in other colors and lengths
Also available in a snagless design (N001 series) to protect the locking tabs on the RJ45 connectors from being damaged or snapped off during
installation
Also available - Cat6 cables (N201 series)
Specifications
OVERVIEW
Intended Application
Computer Networking
Cable Type
CAT5/CAT5E
Model Type
Molded
Highlights
Premium cabling for Category 5
and 5e applications—rated for
350 MHz/1 Gbps communications
IEEE 802.3ab
PVC 4-pair stranded UTP
All cables feature boots with
integral strain-relief and RJ45
(Male) connectors
System Requirements
For 1000Base-T (1Gbps
Ethernet), 10/100Base-T
(Ethernet), 100 Mbps TPDDI,
155 Mbps ATM, ISDN, voice and
Token Ring Type3 applications
Package Includes
14-ft. Cat5e Red Patch Cable
Molded 350MHz
1 / 2


Similar Part No. - N002-014-RD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N002-014-BK TRIPPLITE-N002-014-BK Datasheet
477Kb / 3P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Black, 14-ft.
N002-014-BL TRIPPLITE-N002-014-BL Datasheet
482Kb / 3P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Blue, 14-ft.
N002-014-GN TRIPPLITE-N002-014-GN Datasheet
481Kb / 3P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Green, 14-ft.
N002-014-GY TRIPPLITE-N002-014-GY Datasheet
473Kb / 3P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 14-ft.
N002-014-OR TRIPPLITE-N002-014-OR Datasheet
472Kb / 3P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Orange, 14-ft.
More results

Similar Description - N002-014-RD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N001-014-RD TRIPPLITE-N001-014-RD Datasheet
482Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Red, 14-ft
N002-001-RD TRIPPLITE-N002-001-RD Datasheet
484Kb / 3P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Red, 1-ft.
N002-006-RD TRIPPLITE-N002-006-RD Datasheet
485Kb / 3P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Red, 6-ft.
N002-005-RD TRIPPLITE-N002-005-RD Datasheet
488Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Red, 5-ft.
N002-003-RD TRIPPLITE-N002-003-RD Datasheet
477Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Red, 3-ft.
N002-007-RD TRIPPLITE-N002-007-RD Datasheet
488Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Red, 7-ft.
N002-025-RD TRIPPLITE-N002-025-RD Datasheet
159Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Red, 25-ft.
N002-010-RD TRIPPLITE-N002-010-RD Datasheet
488Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Red, 10-ft.
N002-014-WH TRIPPLITE-N002-014-WH Datasheet
475Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - White, 14-ft.
N002-014-BK TRIPPLITE-N002-014-BK Datasheet
477Kb / 3P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Black, 14-ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com