Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE10N60FP Datasheet(PDF) 2 Page - Micross Components

Part # ICE10N60FP
Description  N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

ICE10N60FP Datasheet(HTML) 2 Page - Micross Components

  ICE10N60FP Datasheet HTML 1Page - Micross Components ICE10N60FP Datasheet HTML 2Page - Micross Components ICE10N60FP Datasheet HTML 3Page - Micross Components ICE10N60FP Datasheet HTML 4Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ICE10N60FP
Dynamic Characteristics
Ciss
Input Capacitance
-
1250
-
pF
VGS = 0V, VDS = 25V, f = 1 MHz
Coss
Output Capacitance
-
600
-
Crss
Reverse Transfer Capacitance
-
5
-
gfs
Transconductance
-
12
-
S
VDS = >2*ID* RDS, ID = 5A
td(on)
Turn-on Delay Time
-
6
-
nS
VDS = 480V, VGS = 10V, ID = 10A, RG = 4Ω
(External)
Tr
Rise Time
-
3.5
-
td(off)
Turn-off Delay Time
-
54
-
tf
Fall Time
-
7
-
Symbol
Parameter
Values
Unit
Conditions
Min
Typ
Max
Gate Charge Characteristics
Qgs
Gate to Source Charge
-
7.1
-
nC
VDS = 480V, ID = 10A, VGS = 0 to 10V
Qgd
Gate to Drain Charge
-
14.5
-
Qg
Gate Charge Total
-
41
-
Vplateau
Gate Plateau Voltage
-
5.2
-
V
Reverse Diode
VSD
Diode Forward Voltage
-
0.9
1.2
V
VGS = 0V, IS = IF
trr
Reverse Recovery Time
-
332
-
ns
VRR = 300V, IS = IF, diF/dt = 100 A/µS
Qrr
Reverse Recovery Charge
-
4.4
-
µC
Irm
Peak Reverse Recovery Current
-
25.6
-
A
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603 788920, Web: www.micross.com, Email: chipcomponents@micross.com
2


Similar Part No. - ICE10N60FP

ManufacturerPart #DatasheetDescription
logo
Icemos Technology
ICE10N60FP ICEMOS-ICE10N60FP Datasheet
584Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - ICE10N60FP

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com