Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS3606AS Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDMS3606AS
Description  PowerTrench Power Stage 30 V Asymmetric Dual N-Channel MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS3606AS Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDMS3606AS Datasheet HTML 1Page - Fairchild Semiconductor FDMS3606AS Datasheet HTML 2Page - Fairchild Semiconductor FDMS3606AS Datasheet HTML 3Page - Fairchild Semiconductor FDMS3606AS Datasheet HTML 4Page - Fairchild Semiconductor FDMS3606AS Datasheet HTML 5Page - Fairchild Semiconductor FDMS3606AS Datasheet HTML 6Page - Fairchild Semiconductor FDMS3606AS Datasheet HTML 7Page - Fairchild Semiconductor FDMS3606AS Datasheet HTML 8Page - Fairchild Semiconductor FDMS3606AS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
©2011 Fairchild Semiconductor Corporation
FDMS3606AS Rev.C4
www.fairchildsemi.com
5
Figure 7.
0
5
10
15
20
25
0
2
4
6
8
10
ID = 13 A
VDD = 20 V
VDD = 10 V
Qg, GATE CHARGE (nC)
VDD = 15 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
30
10
100
1000
2000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
100
1
10
20
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10. Maximum Continuous Drain
Current vs Case Temperature
25
50
75
100
125
150
0
20
40
60
80
100
Limited by Package
VGS = 4.5 V
RθJC = 3.5
o
C/W
VGS = 10 V
T
C
, CASE TEMPERATURE (
o
C
)
Figure 11. Forward Bias Safe
Operating Area
Figure 12. Single Pulse Maximum
Power Dissipation
Typical Characteristics (Q1 N-Channel) T
J = 25 °C unless otherwise noted
0.01
0.1
1
10
100
0.01
0.1
1
10
100
DC
100 ms
10 ms
1 ms
1s
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC
10s
100us
200
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.1
1
10
100
1000
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
t, PULSE WIDTH (sec)


Similar Part No. - FDMS3606AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3600S FAIRCHILD-FDMS3600S Datasheet
593Kb / 15P
   PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
FDMS3602S FAIRCHILD-FDMS3602S Datasheet
582Kb / 15P
   25 V Asymmetric Dual N-Channel MOSFET Features
logo
ON Semiconductor
FDMS3602S ONSEMI-FDMS3602S Datasheet
1Mb / 15P
   PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS3604AS FAIRCHILD-FDMS3604AS Datasheet
589Kb / 15P
   PowerTrench짰 Power Stage 30 V Asymmetric Dual N-Channel MOSFET
logo
ON Semiconductor
FDMS3604S ONSEMI-FDMS3604S Datasheet
843Kb / 16P
   MOSFET – N-Channel, POWERTRENCH, Power Stage, Asymetric Dual
January, 2020 - Rev. 3
More results

Similar Description - FDMS3606AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3626S FAIRCHILD-FDMS3626S Datasheet
394Kb / 12P
   PowerTrench Power Stage 25V Asymmetric Dual N-Channel MOSFET
logo
ON Semiconductor
FDPC5030SG ONSEMI-FDPC5030SG Datasheet
485Kb / 13P
   MOSFET - Dual N-Channel, Asymmetric, POWERTRENCH Power Clip 30 V
May, 2021 - Rev. 6
logo
Fairchild Semiconductor
FDMS3604AS FAIRCHILD-FDMS3604AS Datasheet
589Kb / 15P
   PowerTrench짰 Power Stage 30 V Asymmetric Dual N-Channel MOSFET
logo
ON Semiconductor
FDPC8014AS ONSEMI-FDPC8014AS Datasheet
555Kb / 12P
   MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
December, 2020 - Rev. 2
NTMFD1D1N02X ONSEMI-NTMFD1D1N02X Datasheet
386Kb / 11P
   MOSFET - Power, Dual, N-Channel, Power Clip, POWERTRENCH, Asymmetric 25 V
July, 2022 - Rev. 0
NTTFD1D8N02P1E ONSEMI-NTTFD1D8N02P1E Datasheet
483Kb / 11P
   MOSFET - Power, N-Channel PowerTrench Power Clip 25 V Asymmetric Dual
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDMS3600S FAIRCHILD-FDMS3600S Datasheet
593Kb / 15P
   PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
logo
ON Semiconductor
FDMS3602S ONSEMI-FDMS3602S Datasheet
1Mb / 15P
   PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS3664S FAIRCHILD-FDMS3664S Datasheet
584Kb / 15P
   PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
FDMS3668S FAIRCHILD-FDMS3668S Datasheet
572Kb / 15P
   PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com