Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSC1118-90 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GSC1118-90
Description  1A Positive Low Dropout Fixed-mode Regulator With EN Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSC1118-90 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GSC1118-90 Datasheet HTML 1Page - E-Tech Electronics LTD GSC1118-90 Datasheet HTML 2Page - E-Tech Electronics LTD GSC1118-90 Datasheet HTML 3Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GSC1118
Page: 2/3
ISSUED DATE :2005/07/11
REVISED DATE :2005/10/04B
Pin Descriptions
Name
Description
GND
Ground
VOUT
The output of the regulator. A minimum of 10uF capacitor must be connected from this pin to ground to insure stability.
VIN
The input pin of regulator. Typically a large storage capacitor is connected from this pin to ground to insure that the input
voltage does not sag below the minimum dropout voltage during the load transient response .This pin must always be 1.3V
higher than VOUT in order for the device to regulate properly.
EN
This input pin of regulator. TTL/CMOS compatible input Logic high= disable output, Logic Low or open= output enable.
( internal pull-down resistor~100K).
NC
No connection.
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
VIN
DC Supply Voltage
-0.3 to 18
V
VEN
Enable Pin Voltage
7
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature Range
-65 ~ + 150
:
TOP
Operating Junction Temperature Range
0 ~ + 150
:
Electrical Characteristics (Under operating Conditions)
Parameter
Conditions
Min Typ Max Unit
GSC1118-15
I
o=10mA, TJ =25 ,
: 3.0V VIN 15V
1.470 1.500 1.530
V
GSC1118-18
I
o=10mA, TJ =25 ,
: 3.3V VIN 15V
1.764 1.800 1.836
V
GSC1118-25
I
o=10mA, TJ =25 ,
: 4.0V VIN 15V
2.450 2.500 2.550
V
GSC1118-33
I
o=10mA, TJ =25 ,
: 4.8V VIN 15V
3.235 3.300 3.365
V
GSC1118-50
I
o=10mA, TJ =25 ,
: 6.5V VIN 15V
4.900 5.000 5.100
V
GSC1118-90
I
o=10mA, TJ =25 ,
: 10.5V VIN 18
8.820 9.000 9.180
V
Output Voltage
GSC1118-12
I
o=10mA, TJ =25 ,
: 13.5V VIN 18V
11.760 12.00
0
12.24
0
V
Line Regulator
GSC1118-XX
I
o=10mA, TJ =25 ,
: VOUT+1.5< VIN <18V
-
-
0.2
%
GSC1118-15
VIN=3.0V, 0mA<Io<1A, TJ=25 : , (Note 1, 2)
-
12
15
mV
GSC1118-18
VIN=3.3V, 0mA<Io<1A, TJ=25 : , (Note 1, 2)
-
15
18
mV
GSC1118-25
VIN=4.0V, 0mA<Io<1A, TJ=25 : , (Note 1, 2)
-
20
25
mV
GSC1118-33
VIN=5.0V, 0mA<Io<1A, TJ=25 : , (Note 1, 2)
-
26
33
mV
GSC1118-50
VIN=8.0V, 0mA<Io<1A, TJ=25 : , (Note 1, 2)
-
40
50
mV
GSC1118-90
VIN=12.0V, 0mA<Io<1A, TJ=25 : , (Note 1, 2)
-
70
90
mV
Load Regulation
GSC1118-12
VIN=15.0V, 0mA<Io<1A, TJ=25 : , (Note 1, 2)
-
100
120
%
Dropout Voltage
(VIN-VOUT)
GSC1118-XX
I
o=1A, VOUT=0.1 VOUT
-
1.3
1.4
V
Current Limit
GSC1118-XX
(VIN-VOUT)=5V
1.1
-
-
A
Minimum Load Current
GSC1118-XX
0
T
:
J
125 :
-
5
10
mA
Logic Low (ON)
-
-
0.8
Enable Input Voltage
VEN
Logic High (OFF)
1.6
-
-
V
VEN=0.8V
-
-
10
Enable Input Current
IEN
VEN=2.0V
-
-
80
A
Thermal Regulation
TA=25 : , 30ms pulse
-
0.008 0.04 %/W
F=120Hz, COUT=25uF, Tantalum, Io=1A
Ripple Rejection
GSC1118-XX
VIN=VOUT+3V
-
60
70
dB
Temperature Stability
I
o=10mA
-
0.5
-
%
JA
Thermal Resistance
Junction–to-Ambient
(No heat sink ;No air flow)
-
150
-
/
: W
JC
Thermal Resistance
Junction-to-Case
Control Circuitry/Power Transistor
-
25
-
/
: W
Note 1: See thermal regulation specifications for charges in output voltage due to heating effects. Line and load regulation are measured
at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead=1/8” from the
package.
Note 2: Line and load regulations are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the
input/output differential and the output current. Guaranteed maximum power dissipation will not be available over the full
input/output range
Note 3: Quiescent current is defined as the minimum output current required to maintain regulation. At 12V input/output differential the
device is guaranteed to regulate if the output current is greater than 10mA.


Similar Part No. - GSC1118-90

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSC1118 GTM-GSC1118 Datasheet
236Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
More results

Similar Description - GSC1118-90

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5U1118 SECOS-S5U1118 Datasheet
490Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
GTM CORPORATION
G5U1118 GTM-G5U1118 Datasheet
218Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 GTM-GSC1118 Datasheet
236Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5U1118 ETL-G5U1118 Datasheet
222Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
Anachip Corp
AP1118 ANACHIP-AP1118 Datasheet
175Kb / 10P
   1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
GTM CORPORATION
G5E1118 GTM-G5E1118 Datasheet
233Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5E1118 ETL-G5E1118 Datasheet
238Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
GTM CORPORATION
G5M1119 GTM-G5M1119 Datasheet
249Kb / 4P
   0.5A Positive Low Dropout Fixed-Mode Regulator with EN Function
logo
Anachip Corp
AP1119 ANACHIP-AP1119 Datasheet
130Kb / 5P
   0.5A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
SeCoS Halbleitertechnol...
S5J1118 SECOS-S5J1118 Datasheet
501Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com