Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1381 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 2SA1381
Description  PNP Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2SA1381 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2SA1381 Datasheet HTML 1Page - Fairchild Semiconductor 2SA1381 Datasheet HTML 2Page - Fairchild Semiconductor 2SA1381 Datasheet HTML 3Page - Fairchild Semiconductor 2SA1381 Datasheet HTML 4Page - Fairchild Semiconductor 2SA1381 Datasheet HTML 5Page - Fairchild Semiconductor 2SA1381 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2SA1381/KSA1381 Rev. A1
2
Electrical Characteristics* T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤300µs, Duty Cycle≤2%
Ordering Information
* 1. Affix “-S-” means the standard TO126 Package.(see package dimensions). If the affix is ”-STS-” instead of “-S-”, that mean the short-lead TO126 package.
2. Suffix “-TU” means the tube packing, The Suffix “TU” could be replaced to other suffix character as packing method.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC = - 10µA, IE = 0
- 300
V
BVCEO
Collecto- Emitter Breakdown Voltage
IC = - 1mA, IB = 0
- 300
V
BVEBO
Emitter-Base Breakdown Voltage
IE = - 10µA, IC = 0
- 5
V
ICBO
Collector Cut-off Current
VCB = - 200V, IE = 0
- 0.1
µA
IEBO
Emitter Cut-off Current
VEB = - 4V, IC = 0
- 0.1
µA
hFE
DC Current Gain
VCE = - 10V, IC = - 10mA
40
320
VCE(sat)
Collector-Emitter Saturation Voltage
IC = - 20mA, IB = - 2mA
- 0.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = - 20mA, IB = - 2mA
- 1
V
fT
Current Gain Bandwidth Product
VCE = - 30V, IC = - 10mA
150
MHz
Cob
Output Capacitance
VCB = - 30V, f = 1MHz
3.1
pF
Cre
Reverse Transfer Capacitance
VCB = - 30V, f = 1MHz
2.3
pF
Part Number*
Marking
Package
Packing Method
Remarks
2SA1381CSTU
2SA1381C
TO-126
TUBE
hFE1 C grade
2SA1381DSTU
2SA1381D
TO-126
TUBE
hFE1 D grade
2SA1381ESTU
2SA1381E
TO-126
TUBE
hFE1 E grade
2SA1381FSTU
2SA1381F
TO-126
TUBE
hFE1 F grade
KSA1381CSTU
A1381C
TO-126
TUBE
hFE1 C grade
KSA1381DSTU
A1381D
TO-126
TUBE
hFE1 D grade
KSA1381ESTU
A1381E
TO-126
TUBE
hFE1 E grade
KSA1381FSTU
A1381F
TO-126
TUBE
hFE1 F grade


Similar Part No. - 2SA1381

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1381 SANYO-2SA1381 Datasheet
137Kb / 4P
   High-Definition CRT Display, Video Output
2SA1381 SANYO-2SA1381 Datasheet
183Kb / 3P
   Transistors for TV Display Video Output Use
logo
Fairchild Semiconductor
2SA1381 FAIRCHILD-2SA1381 Datasheet
158Kb / 6P
   PNP Epitaxial Silicon Transistor
logo
Inchange Semiconductor ...
2SA1381 ISC-2SA1381 Datasheet
305Kb / 2P
   isc Silicon PNP Power Transistor
logo
Fairchild Semiconductor
2SA1381CSTU FAIRCHILD-2SA1381CSTU Datasheet
158Kb / 6P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - 2SA1381

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com