Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSC2128-25 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # GSC2128-25
Description  C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSC2128-25 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  GSC2128-25 Datasheet HTML 1Page - E-Tech Electronics LTD GSC2128-25 Datasheet HTML 2Page - E-Tech Electronics LTD GSC2128-25 Datasheet HTML 3Page - E-Tech Electronics LTD GSC2128-25 Datasheet HTML 4Page - E-Tech Electronics LTD GSC2128-25 Datasheet HTML 5Page - E-Tech Electronics LTD GSC2128-25 Datasheet HTML 6Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
ISSUED DATE :2005/06/21
REVISED DATE :2005/10/04B
Ordering Information ( contd. )
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GSC2128-15
8B152
XXXX
1.5V
GSC2128-18
8B182
XXXX
1.8V
GSC2128-25
8B252
XXXX
2.5V
GSC2128-33
8B332
XXXX
3.3V
GSC2128-47
8B472
XXXX
4.75V
GSC2128-50
8B502
XXXX
5.0V
Characteristics Curve


Similar Part No. - GSC2128-25

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSC2128 GTM-GSC2128 Datasheet
577Kb / 6P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - GSC2128-25

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G5U2178 ETL-G5U2178 Datasheet
586Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2179 ETL-G5U2179 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2129 ETL-GSC2129 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2118 ETL-GSC2118 Datasheet
550Kb / 7P
   1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2138 ETL-GSC2138 Datasheet
551Kb / 7P
   1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2188 ETL-G5U2188 Datasheet
547Kb / 7P
   1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5J2188 ETL-G5J2188 Datasheet
550Kb / 7P
   1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2189 ETL-G5U2189 Datasheet
525Kb / 7P
   1 . 5 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2139 ETL-GSC2139 Datasheet
522Kb / 7P
   1 . 5 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2119 ETL-GSC2119 Datasheet
522Kb / 7P
   1 . 5 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com