Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC4539S8RG Datasheet(PDF) 1 Page - Stanson Technology

Part # STC4539S8RG
Description  N&P Pair Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STC4539S8RG Datasheet(HTML) 1 Page - Stanson Technology

  STC4539S8RG Datasheet HTML 1Page - Stanson Technology STC4539S8RG Datasheet HTML 2Page - Stanson Technology STC4539S8RG Datasheet HTML 3Page - Stanson Technology STC4539S8RG Datasheet HTML 4Page - Stanson Technology STC4539S8RG Datasheet HTML 5Page - Stanson Technology STC4539S8RG Datasheet HTML 6Page - Stanson Technology STC4539S8RG Datasheet HTML 7Page - Stanson Technology STC4539S8RG Datasheet HTML 8Page - Stanson Technology STC4539S8RG Datasheet HTML 9Page - Stanson Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
STC4539
N&P Pair Enhancement Mode MOSFET
6.8A / -6.2A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STC4539 2007. V1
DESCRIPTION
The STC4539 is the N & P-Channel enhancement mode power field effect transistor using high cell density
DMOS trench technology. This high density process is especially tailored to minimize on-state resistance
and provide superior switching performance. This device is particularly suited for low voltage application
such as notebook computer power management and other battery powered circuits, where high-side
switching, low in-line power loss and resistance to transient are needed.
PIN CONFIGURATION
SOP-8
PART MARKING
SOP-8
ORDERING INFORMATION
Part Number
Package
Part Marking
STC4539S8RG
SOP-8
STC4539
STC4539S8TG
SOP-8
STC4539
Process Code : A ~ Z ; a ~ z
STC4539S8RG
S8 : SOP-8 ; R : Tape Reel ; G : Pb – Free
STC4539S8TG
S8 : SOP-8 ; T : Tube ; G : Pb – Free
FEATURE
N-Channel
30V/6.8A, RDS(ON) = 34mΩ
@VGS = 10V
30V/5.6A, RDS(ON) = 46mΩ
@VGS = 4.5V
P-Channel
-30V/-6.2A, RDS(ON) = 60mΩ
@VGS = -10V
-30V/-4.6A, RDS(ON)= 80mΩ
@VGS = - 4.5V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum
DC current capability
SOP-8 package


Similar Part No. - STC4539S8RG

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STC4516 STANSON-STC4516 Datasheet
962Kb / 9P
   Complementary Dual Enhancement Mode MOSFET
STC4516S8RG STANSON-STC4516S8RG Datasheet
962Kb / 9P
   Complementary Dual Enhancement Mode MOSFET
STC4516S8TG STANSON-STC4516S8TG Datasheet
962Kb / 9P
   Complementary Dual Enhancement Mode MOSFET
STC4567 STANSON-STC4567 Datasheet
650Kb / 8P
   N&P Pair Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STC4567 DOINGTER-STC4567 Datasheet
2Mb / 5P
   N-Chanel and P-Channel MOSFET use advanced trench technology
More results

Similar Description - STC4539S8RG

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533W SYNC-POWER-SPC4533W Datasheet
370Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533 SYNC-POWER-SPC4533 Datasheet
253Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC1810 SYNC-POWER-SPC1810 Datasheet
298Kb / 12P
   N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC4606 STANSON-STC4606 Datasheet
1Mb / 8P
   N&P Pair Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPC4539A SYNC-POWER-SPC4539A Datasheet
308Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6604 SYNC-POWER-SPC6604_14 Datasheet
287Kb / 12P
   N & P Pair Enhancement Mode MOSFET
SPC4539 SYNC-POWER-SPC4539 Datasheet
272Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6601 SYNC-POWER-SPC6601 Datasheet
264Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6602 SYNC-POWER-SPC6602 Datasheet
265Kb / 11P
   N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC6301D STANSON-STC6301D Datasheet
922Kb / 8P
   N&P Pair Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com