Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1091 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1091
Description  Integrated IEEE 802.3af PoE-PD Interface Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1091 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1091 Datasheet HTML 2Page - ON Semiconductor NCP1091 Datasheet HTML 3Page - ON Semiconductor NCP1091 Datasheet HTML 4Page - ON Semiconductor NCP1091 Datasheet HTML 5Page - ON Semiconductor NCP1091 Datasheet HTML 6Page - ON Semiconductor NCP1091 Datasheet HTML 7Page - ON Semiconductor NCP1091 Datasheet HTML 8Page - ON Semiconductor NCP1091 Datasheet HTML 9Page - ON Semiconductor NCP1091 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP1090, NCP1091, NCP1092
http://onsemi.com
6
Table 3. OPERATING CONDITIONS (All values are with respect to VPORTN unless otherwise noted.)
Symbol
Conditions
Units
Max
Typ
Min
Parameter
PASS−SWITCH AND CURRENT LIMITING
Ron
Pass−switch Rds−on
0.5
1
W
Measured with I(RTN) =
200 mA
I_inrush
Inrush current with Rinrush = 178 kW
75
120
170
mA
Measured at
RTN−VPORTN = 3 V
I_ilim
Operating current limit with Rinrush =
178 kW
425
500
575
mA
Current limit threshold
POWER GOOD INDICATOR
Vds_pgood_on
RTN−VPORTN threshold voltage
required for power good status
0.8
1
1.2
V
RTN−VPORTN falling
Vds_pgood_off
RTN−VPORTN latchoff threshold
voltage
9
10
11
V
RTN−VPORTN rising
Pgood_filter
PGOOD filter time
100
mS
Rising and falling /
for information only
Ipgood
I(PGOOD) sinking current
5
mA
Vpgood_low
PGOOD voltage output low
0.2
0.5
V
Voltage with respect to RTN
CURRENT CONSUMPTION
IvportP
I(VPORTP) internal current
consumption
600
900
mA
VPORTP = 48 V
THERMAL SHUTDOWN
TSD
Thermal shutdown threshold
150
°C Tj
Tj = junction temperature
Thyst
Thermal hysteresis
15
°C Tj
Tj = junction temperature
THERMAL RATINGS
Ta
Ambient temperature
−40
85
°C
Tj
Junction temperature
125
°C
3. A tolerance of 1% on the Rclass resistor is included in the min/max values.


Similar Part No. - NCP1091

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1091 ONSEMI-NCP1091 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091 ONSEMI-NCP1091 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091 ONSEMI-NCP1091 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
More results

Similar Description - NCP1091

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
STMicroelectronics
STHS4257A STMICROELECTRONICS-STHS4257A Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
logo
Texas Instruments
TPS2376-H TI-TPS2376-H Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com