Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS110-7902P Datasheet(PDF) 2 Page - Emerson Network Power

Part # NFS110-7902P
Description  Single and quad output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS110-7902P Datasheet(HTML) 2 Page - Emerson Network Power

  NFS110-7902P Datasheet HTML 1Page - Emerson Network Power NFS110-7902P Datasheet HTML 2Page - Emerson Network Power NFS110-7902P Datasheet HTML 3Page - Emerson Network Power NFS110-7902P Datasheet HTML 4Page - Emerson Network Power NFS110-7902P Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. 06.10.08
NFS110 Series
2 of 5
Embedded Power for
Business-Critical Continuity
Environmental Specifications
Thermal performance
Operating, see curve
0° C to +70 °C
(See notes 9, 10)
Non-operating
-40 °C to +85 °C
0 °C to 50 °C amb. convection cooled 80 W
+50 °C to +70 °C,
amb. convection cooled
Derate 2 W/°C
0 °C to +50 °C, 20 CFM forced air
110 W
+50 °C to +70 °C, 20CFM forced air
Derate 2.75 W/°C
Peak, 0 °C to +50 °C, max. 60 seconds 110W
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration (See Note 11)
5-500 Hz
2.4 G rms peak
EMC Characteristics
Conducted emissions
EN55022, FCC part 15
Level A
Radiated emissions
EN55022, FCC part 15
Level A
ESD air
EN61000-4-2, level 3
Perf. criteria 1
ESD contact
EN61000-4-2, level 4
Perf. criteria 1
Surge
EN61000-4-3, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity
EN61000-4-5, level 3
Perf. criteria 2
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 2
General Specifications
Hold-up time
110 Vac @ 80 W
35 ms
110 Vac @ 110 W
17 ms
230 Vac @ 80 W
140 ms
230 Vac @ 110 W
100 ms
Efficiency
Multiple outputs
70% typical
+5.1 V single
70% typical
12 V and 15 V singles
72% typical
24 V single
75% typical
Isolation voltage
Input/output
4000 Vac
Input/chassis
1500 Vac
Approvals and standards
(see note 12)
VDE0750, IEC60601,
IEC1010, UL2601
CSA C22.2 No. 125
Weight
Singles
550 g (19.4 oz)
Multiple outputs
600 g (21.2 oz)
MTBF (@25
º C)
MIL-HDBK-217E
125,000 hours min.


Similar Part No. - NFS110-7902P

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NFS110-7902PJ EMERSON-NETWORKPOWER-NFS110-7902PJ Datasheet
416Kb / 5P
   NFS110 Series
logo
Artesyn Technologies
NFS110-7902PJ ARTESYN-NFS110-7902PJ Datasheet
992Kb / 5P
   Single and quad output
More results

Similar Description - NFS110-7902P

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS110-7924J ARTESYN-NFS110-7924J Datasheet
992Kb / 5P
   Single and quad output
NFS110-7902PJ ARTESYN-NFS110-7902PJ Datasheet
992Kb / 5P
   Single and quad output
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
   Single, dual, triple and quad output
logo
Emerson Network Power
NFS110-7601PJ EMERSON-NETWORKPOWER-NFS110-7601PJ Datasheet
548Kb / 5P
   Single & quad output
NFS110 EMERSON-NETWORKPOWER-NFS110_09 Datasheet
513Kb / 5P
   Single & Quad output
logo
Artesyn Technologies
NFS110-7601PJ ARTESYN-NFS110-7601PJ Datasheet
513Kb / 5P
   Single & Quad output
logo
Linear Technology
LT6202 LINER-LT6202_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6204 LINER-LT6204_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6203 LINER-LT6203_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
logo
Arch Electronics Corp.
AHC08_SERIES ARCH-AHC08_SERIES Datasheet
239Kb / 4P
   Single and Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com