Electronic Components Datasheet Search |
|
M309316 Datasheet(PDF) 1 Page - E-SWITCH |
|
M309316 Datasheet(HTML) 1 Page - E-SWITCH |
|
1 / 1 page TITLE SCALE DATE DR DWG REV THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED SHEET OF REV PCR NO DESCRIPTION DATE BY R1966AWHTWHTERGRN 1.5:1 4/7/2005 M309316 C AR 1 1 PC MOUNTING 14.9 [.587 in] NOTES: 1. ALL DIMENSIONS IN MM [INCH] 2. GENERAL TOLERANCE: X.X=±0.4 X.XX=±0.25 3. TERM. NOS. FOR REF. ONLY 4. RATING: 15A @125VAC; 8A @250VAC. 5. LED COLOR: GREEN 6. MATERIAL: CONTACT SURFACE: COIN SILVER, SILVER PLATED. TERMINAL: COPPER ALLOY W/SILVER PLATE 7. ELECTRICAL LIFE: 10,000 CYCLES 8. CONTACT RESISTANCE: <20 MILLI-OHMS INITIAL 9. DIELECTRIC STRENGTH: >1,500V AC 1 MIN 10. DENOTES CRITICAL PARAMETER. A 14822 RELEASED FOR PRODUCTION 4/7/05 AR PANEL THICKNESS X 0.75-1.25 1.25-2.00 2.00-3.00 19.2 19.4 19.8 RECOMMENDED PANEL MOUNTING X 13.00 +0.1 POS. 1 POS. 2 POS. 3 SWITCH FUNCTION NONE ON ON 1a-1 OPEN 1-1b ACTUATOR COLOR WHITE 3 1 7.00 [.276 in] TYP. LED COLOR: GREEN 12.00 [.472 in] 14.00 [.551 in] 2.00 [.079 in] .80 [.031 in] 14.80 [.583 in] 20.80 [.819 in] 17.10 [.673 in] 18.50 [.728 in] 1a 1 - + CIRCUIT: SPST 1 1a n1.39 [.055 in] HOUSING COLOR: WHITE B 15243 SWITCHED DIRECTION OF TERMINALS 9/6/05 PH C 15582 SWITCHED POS. AND NEG. 12/5/05 PH |
Similar Part No. - M309316 |
|
Similar Description - M309316 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |