Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2902 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2902
Description  QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2902 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2902 Datasheet HTML 1Page - New Japan Radio NJM2902 Datasheet HTML 2Page - New Japan Radio NJM2902 Datasheet HTML 3Page - New Japan Radio NJM2902 Datasheet HTML 4Page - New Japan Radio NJM2902 Datasheet HTML 5Page - New Japan Radio NJM2902 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NJM2902
- 2 -
Ver.2014-04-21
■ ABSOLUTE MAXIMUM RATINGS
( Ta=25˚C )
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+(V+/V-)
32 ( or ± 16 )
V
Differential Input Voltage
VID
32
V
Input Voltage
VIC
-0.3~ 32(Note2)
V
Power Dissipation
PD
( DIP14 ) 570
mW
( DMP14 ) 300
( SSOP14 ) 300
Operating Temperature Range
Topr
-40~+85
˚C
Storage Temperature Range
Tstg
-50~+125
˚C
(Note1) Continuous short-circuits from output to GND is guaranteed only when V+≤15V.
(Note2) For supply voltage less than 32V[±16], the absolute maximum input voltage is equal to supply voltage.
■ ELECTRICAL CHARACTERISTICS
( Ta=25˚C,V+=5V )
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
RS=0Ω
-
2
10
mV
Input Offset Current
IIO
IIN
+-IIN-
-
5
50
nA
Input Bias Current
IB
IIN
+ or IIN-
-
20
500
nA
Large Signal Voltage Gain
AV
RL>2kΩ
-
100
-
V/mV
Maximum Output Voltage Swing
VOPP
RL=2kΩ
3.5
-
-
V
Input Common Mode Voltage Range
VICM
0~3.5
-
-
V
Common Mode Rejection Ratio
CMR
-
85
-
dB
Supply Voltage Rejection Ratio
SVR
-
100
-
dB
Output Source Current
ISOURCE
VIN
+=1V,VIN-=0V
20
40
-
mA
Output Sink Current
ISINK
VIN
+=0V,VIN-=1V
8
20
-
mA
Channel Separation
CS
f=1k~20kHz,Input Referred
-
120
-
dB
Operating Current
ICC
RL=∞
-
1
2
mA
Slew Rate
SR
V
+/V-=±15V
-
0.5
-
V/μs
Gain Bandwidth Product
GB
V
+/V-=±15V
-
0.5
-
MHz


Similar Part No. - NJM2902

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2902 NJRC-NJM2902 Datasheet
255Kb / 7P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
logo
Nisshinbo Micro Devices...
NJM2902B NISSHINBO-NJM2902B Datasheet
1Mb / 23P
   High EMC Performance, Single Supply, Operational Amplifier
September 15, 2022 Ver. 1.0
NJM2902BVB4-T1 NISSHINBO-NJM2902BVB4-T1 Datasheet
1Mb / 23P
   High EMC Performance, Single Supply, Operational Amplifier
September 15, 2022 Ver. 1.0
logo
New Japan Radio
NJM2902C NJRC-NJM2902C Datasheet
497Kb / 8P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
Ver.09
NJM2902CA NJRC-NJM2902CA Datasheet
497Kb / 8P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
Ver.09
More results

Similar Description - NJM2902

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
   Quad Single-Supply Operational Amplifier
logo
New Japan Radio
NJM2902 NJRC-NJM2902 Datasheet
255Kb / 7P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM324 NJRC-NJM324 Datasheet
239Kb / 6P
   SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
NJM3403A NJRC-NJM3403A Datasheet
213Kb / 6P
   SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER?
NJM2902C NJRC-NJM2902C Datasheet
497Kb / 8P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
Ver.09
logo
Renesas Technology Corp
UPC452 RENESAS-UPC452 Datasheet
493Kb / 8P
   Single Power Supply Quad Operational Amplifier
2019.1.17
logo
Burr-Brown (TI)
OPA4243 BURR-BROWN-OPA4243 Datasheet
97Kb / 7P
   Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
logo
Texas Instruments
OPA4243 TI-OPA4243_13 Datasheet
668Kb / 12P
[Old version datasheet]   Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
logo
Analog Devices
OP-292 AD-OP-292 Datasheet
679Kb / 20P
   DUAL/QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIER
REV. 0
OP292 AD-OP292 Datasheet
686Kb / 20P
   DUAL/QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIER
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com