Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN02Z180J Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LAN02Z180J
Description  AXIAL LEADED INDUCTORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LAN02Z180J Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LAN02Z180J Datasheet HTML 2Page - List of Unclassifed Manufacturers LAN02Z180J Datasheet HTML 3Page - List of Unclassifed Manufacturers LAN02Z180J Datasheet HTML 4Page - List of Unclassifed Manufacturers LAN02Z180J Datasheet HTML 5Page - List of Unclassifed Manufacturers LAN02Z180J Datasheet HTML 6Page - List of Unclassifed Manufacturers LAN02Z180J Datasheet HTML 7Page - List of Unclassifed Manufacturers LAN02Z180J Datasheet HTML 8Page - List of Unclassifed Manufacturers LAN02Z180J Datasheet HTML 9Page - List of Unclassifed Manufacturers LAN02Z180J Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
299
5
アイテム一覧 PART NUMBERS
LAL04
ZR22M
0.22
300.0
0.10
1400.0
LAL04
ZR27M
0.27
270.0
0.11
1320.0
LAL04
ZR33M
0.33
250.0
0.12
1280.0
LAL04
ZR39M
0.39
230.0
0.13
1200.0
LAL04
ZR47M
0.47
45.0
25.2
220.0
0.14
1150.0
LAL04
ZR56M
0.56
200.0
0.15
1100.0
LAL04
ZR68M
0.68
M
20L
190.0
0.16
1030.0
LAL04
ZR82M
0.82
172.0
0.17
980.0
LAL04
Z1R0M
1.0
157.0
0.19
920.0
LAL04
Z1R2M
1.2
50.0
144.0
0.21
880.0
LAL04
Z1R5M
1.5
131.0
0.23
830.0
LAL04
Z1R8M
1.8
55.0
121.0
0.25
790.0
LAL04
Z2R2M
2.2
110.0
0.28
750.0
LAL04
Z2R7M
2.7
60.0
100.0
0.30
720.0
LAL04
Z3R3K
3.3
65.0
7.96
94.0
0.34
670.0
LAL04
Z3R9K
3.9
65.0
0.37
640.0
LAL04
Z4R7K
4.7
70.0
56.0
0.39
620.0
LAL04
Z5R6K
5.6
48.0
0.43
590.0
LAL04
Z6R8K
6.8
75.0
37.0
0.48
550.0
LAL04
Z8R2K
8.2
80.0
25.0
0.52
530.0
LAL04
Z100K
10.0
65.0
21.0
0.58
500.0
LAL04
Z120K
12.0
19.0
0.63
480.0
LAL04
Z150K
15.0
50.0
17.0
0.72
460.0
LAL04
Z180K
18.0
13.0
0.77
430.0
LAL04
Z220K
22.0
9.6
0.84
410.0
LAL04
Z270K
27.0
55.0
7.2
0.94
390.0
LAL04
Z330K
33.0
2.52
6.3
1.03
370.0
LAL04
Z390K
39.0
50.0
6.3
1.12
350.0
LAL04
Z470K
47.0
45.0
6.3
1.22
340.0
LAL04
Z560K
56.0
M
10L
40.0
6.2
1.34
320.0
LAL04
Z680K
68.0
5.7
1.47
305.0
LAL04
Z820K
82.0
35.0
5.3
1.62
290.0
LAL04
Z101K
100.0
30.0
4.8
1.80
275.0
LAL04
Z121K
120.0
55.0
3.8
3.70
185.0
LAL04
Z151K
150.0
45.0
3.5
4.20
175.0
LAL04
Z181K
180.0
50.0
3.3
4.60
165.0
LAL04
Z221K
220.0
55.0
3.0
5.10
155.0
LAL04
Z271K
270.0
2.8
5.80
145.0
LAL04
Z331K
330.0
65.0
0.796
2.6
6.40
137.0
LAL04
Z391K
390.0
2.4
7.00
133.0
LAL04
Z471K
470.0
60.0
2.25
7.70
126.0
LAL04
Z561K
560.0
2.10
8.50
120.0
LAL04
Z681K
680.0
55.0
1.95
9.40
113.0
LAL04
Z821K
820.0
1.85
10.50
105.0
LAL04
Z102K
1000.0
50.0
1.40
14.00
100.0
LAL04
形名のZにはリード加工形状記号が入ります。
Z Please specify the Lead configuration code.
公  称
インダクタンス
Inductance
[AH]
形  名
Ordering code
定格電流
Rated
current
h
mAi
f
max.g
直流抵抗
DC
Resistance
hEi
f
max.g
自己共振
周波 数
SelfKresonant
frequency
h
MHzi
f
min.g
測 定
周波数
Measuring
frequency
h
MHzi
Q
f
min.g
インダクタンス
許容差
Inductance
Tolerance


Similar Part No. - LAN02Z180J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LAN02TA100J TAIYO-YUDEN-LAN02TA100J Datasheet
615Kb / 23P
   AXIAL LEADED INDUCTORS
LAN02TA101J TAIYO-YUDEN-LAN02TA101J Datasheet
138Kb / 1P
   Axial Leaded Inductors
LAN02TA120J TAIYO-YUDEN-LAN02TA120J Datasheet
138Kb / 1P
   Axial Leaded Inductors
LAN02TA121J TAIYO-YUDEN-LAN02TA121J Datasheet
138Kb / 1P
   Axial Leaded Inductors
LAN02TA150J TAIYO-YUDEN-LAN02TA150J Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results

Similar Description - LAN02Z180J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB1R2K TAIYO-YUDEN-CAL45VB1R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R2K TAIYO-YUDEN-CAL45VB2R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R7K TAIYO-YUDEN-CAL45VB2R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB4R7K TAIYO-YUDEN-CAL45VB4R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB8R2K TAIYO-YUDEN-CAL45VB8R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB150K TAIYO-YUDEN-CAL45VB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com