Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN02Z470J Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LAN02Z470J
Description  AXIAL LEADED INDUCTORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LAN02Z470J Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LAN02Z470J Datasheet HTML 1Page - List of Unclassifed Manufacturers LAN02Z470J Datasheet HTML 2Page - List of Unclassifed Manufacturers LAN02Z470J Datasheet HTML 3Page - List of Unclassifed Manufacturers LAN02Z470J Datasheet HTML 4Page - List of Unclassifed Manufacturers LAN02Z470J Datasheet HTML 5Page - List of Unclassifed Manufacturers LAN02Z470J Datasheet HTML 6Page - List of Unclassifed Manufacturers LAN02Z470J Datasheet HTML 7Page - List of Unclassifed Manufacturers LAN02Z470J Datasheet HTML 8Page - List of Unclassifed Manufacturers LAN02Z470J Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
294
用途 APPLICATIONS
形名表記法 ORDERING CODE
特長 FEATURES
ZZZZZ
7
1
6
4
5
3
2
LA L Q 03 T AR22 M
Y
自動挿入に対し極めて高い信頼性を有するインダクタ
Y
自動化高速ラインによる生産の為、量産性に優れかつ高品質
Y
アキシャルリードタイプの他、ラジアルテーピング、単品加工品があり
バリエーションが豊富
Y
Extremely reliable inductors that are ideal for automatic insertion.
Y
Highly efficient automated production processes can provide high quality
inductors in large volumes.
Y
Wide selection of configurations including axial leaded, formed radial leads
and bulk products to meet most manufacturing needs.
アキシャルリードインダクタ
AXIAL LEADED INDUCTORS
Y
VTR
、CTV、オーディオ、通信機、その他電子機器全般
LA
アキシャルインダクタ
1
形式
6
インダクタンス許容差hLi
7
当社管理記号
J
M
5
K
M
10
M
M
20
LA
Axial inductor
1
  
6
Inductance tolerancehLi
7
J
M
5
K
M
10
M
M
20
Internal code
3
02
3.4P2.3
(LAL/LAP)
3.6P2.4
(LAN)
03
7.0P2.7
04
9.8P4.0
05
14.0P5.5
形状寸法fLPDghmm以下i
4
リード加工形状 hmmi
KB
フォーミング単品f04タイプg
KH
フォーミング単品f03タイプg
KR
フォーミング単品f02タイプg
NA
ストレート単品
SK
縦形フォーミング
TA アキシャルつづらテーピング26.0幅
TB アキシャルつづらテーピング52.0幅
VA 縦形ラジアルテーピングピッチ2.5
VB 縦形ラジアルテーピングピッチ5.0
VD
ラジアルテーピング
公称インダクタンス hAHi
FR=
小数点
5
LQ
一般
NQ
高電流タイプ
PQ
一般 f リード線径 0.45Bmmg
QW
スペース
製品区分
2
3
Body sizefLPDghmmi
  
5
  
example
1R5
1.5
120
12
FR=decimal point
4
  
LQ
Standard type
NQ
High current type
PQ
Standard type
(lead diameter:0.45mm)
2
1R5
1.5
120
12
QQQQQ
標準品
QW
スペース
OPERATING TEMP
K
25VJ105C
(製品自己発熱を含む)
f
Including self-generated heatg
Product Specification
Consumer electronics such as VTRs, TVs, audio equipment, mobile com-
munications, and general electronic appliances.
Type
02
3.4P2.3
(LAL/LAP)
3.6P2.4
(LAN)
03
7.0P2.7
04
9.8P4.0
05
14.0P5.5
Lead configurationshmmi
Nominal inductancehAHi
QQQQQ
Standard product
QW
Blank space
KB Formed lead/bulkf04 typeg
KH Formed lead/bulkf03 typeg
KR Formed lead/bulkf02 typeg
NA Axial lead/bulk
SK Formed leadfhair ping/bulkf04 typeg
TA Axial leadf26mm lead spaceg
/
ammo packf02/03 typeg
TB Axial leadf52mm lead spaceg
/
ammo packfall typesg
VA Formed leadfhair ping
/ammo packf02 typeg
VB Formed leadfhair ping
/ammo packf03 typeg
VD Formed lead/ammo packf02 typeg
QW
Blank space


Similar Part No. - LAN02Z470J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LAN02TA100J TAIYO-YUDEN-LAN02TA100J Datasheet
615Kb / 23P
   AXIAL LEADED INDUCTORS
LAN02TA101J TAIYO-YUDEN-LAN02TA101J Datasheet
138Kb / 1P
   Axial Leaded Inductors
LAN02TA120J TAIYO-YUDEN-LAN02TA120J Datasheet
138Kb / 1P
   Axial Leaded Inductors
LAN02TA121J TAIYO-YUDEN-LAN02TA121J Datasheet
138Kb / 1P
   Axial Leaded Inductors
LAN02TA150J TAIYO-YUDEN-LAN02TA150J Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results

Similar Description - LAN02Z470J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB1R2K TAIYO-YUDEN-CAL45VB1R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R2K TAIYO-YUDEN-CAL45VB2R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R7K TAIYO-YUDEN-CAL45VB2R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB4R7K TAIYO-YUDEN-CAL45VB4R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB8R2K TAIYO-YUDEN-CAL45VB8R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB150K TAIYO-YUDEN-CAL45VB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com